Electronic Components Datasheet Search
  English  ▼

X  

2N5642 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 2N5642
Description  NPN SILICON RF POWER TRANSISROT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

2N5642 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  2N5642 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. 2N5642 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 2N5642

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5642 STMICROELECTRONICS-2N5642 Datasheet
182Kb / 2P
7W / 20W / 40W, 28V, VHF POWER TRANSISTOR
logo
List of Unclassifed Man...
2N5642 ETC1-2N5642 Datasheet
245Kb / 3P
silicon transistors UHF/VHF power transistors
logo
Advanced Semiconductor
2N5642 ASI-2N5642 Datasheet
22Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - 2N5642

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ACR3001 ASI-ACR3001 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
HFT150-28 ASI-HFT150-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRAL2023-3 ASI-MRAL2023-3 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF314A ASI-MRF314A Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF466 ASI-MRF466 Datasheet
29Kb / 1P
NPN SILICON RF POWER TRANSISTOR
PT9702B ASI-PT9702B Datasheet
21Kb / 1P
NPN SILICON RF POWER TRANSISTOR
S100-28 ASI-S100-28 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
SD1019-2 ASI-SD1019-2 Datasheet
21Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV 0
SD1018-06 ASI-SD1018-06 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
HF100-28 ASI-HF100-28 Datasheet
76Kb / 2P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com