Electronic Components Datasheet Search
  English  ▼

X  

SP502 Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP502
Description  Multi-Mode Serial Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP502 Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP502 Datasheet HTML 8Page - Sipex Corporation SP502 Datasheet HTML 9Page - Sipex Corporation SP502 Datasheet HTML 10Page - Sipex Corporation SP502 Datasheet HTML 11Page - Sipex Corporation SP502 Datasheet HTML 12Page - Sipex Corporation SP502 Datasheet HTML 13Page - Sipex Corporation SP502 Datasheet HTML 14Page - Sipex Corporation SP502 Datasheet HTML 15Page - Sipex Corporation SP502 Datasheet HTML 16Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Rev. 7/21/03
SP502 Multi-Mode Serial Transceiver
© Copyright 2003 Sipex Corporation
12
Pin Label
Mode:
RS-232
V.35
RS-422
RS-485
RS-449
EIA-530
RDEC
3–RDEC0
0000
0010
1110
0100
0101
1100
1101
RD(a)
Undefined
RS-232
V.35–
RS-422–
RS-485–
RS-422–
RS-422–
RD(b)
Undefined
15kΩ to GND
V.35+
RS-422+
RS-485+
RS-422+
RS-422+
RT(a)
Undefined
RS-232
V.35–
RS-422–
RS-485–
RS-422–
RS-422–
RT(b)
Undefined
15kΩ to GND
V.35+
RS-422+
RS-485+
RS-422+
RS-422+
CS(a)
Undefined
RS-232
RS-232
RS-422–
RS-485–
RS-422–
RS-422–
CS(b)
Undefined
15kΩ to GND
15kΩ to GND
RS-422+
RS-485+
RS-422+
RS-422+
DM(a)
Undefined
RS-232
RS-232
RS-422–
RS-485–
RS-422–
RS-422–
DM(b)
Undefined
15kΩ to GND
15kΩ to GND
RS-422+
RS-485+
RS-422+
RS-422+
RR(a)
Undefined
RS-232
RS-232
RS-422–
RS-485–
RS-422–
RS-422–
RR(b)
Undefined
15kΩ to GND
15kΩ to GND
RS-422+
RS-485+
RS-422+
RS-422+
IC(a)
Undefined
RS-232
RS-232
RS-422–
RS-485–
RS-423
RS-423
IC(b)
Undefined
15kΩ to GND
15kΩ to GND
RS-422+
RS-485+
15kΩ to GND
15kΩ to GND
SCT(a)
Undefined
RS-232
V.35–
RS-422–
RS-485–
RS-422–
RS-422–
SCT(b)
Undefined
15kΩ to GND
V.35+
RS-422+
RS-485+
RS-422+
RS-422+
Receivers
The SP502 is equipped with seven (7) receivers
which can be programmed in six (6) different
modes of operation. One of the seven (7) receiv-
ers (RxT) is part of a half-duplex channel, which
means its inputs are shared with a driver
output, as shown in the Mode Diagrams. The
RxT receiver has its inputs internally connected
to the TT(a) and TT(b) pins. The select pin
labeled ST/TT enables either the TT-driver or
the ST-driver, but it does not disable the re-
ceiver. The RxT receiver is always connected to
the TT(a) and TT(b) pins. Any signal that is
received or transmitted on TT(a) and TT(b) will
trigger a TTL-output at the RxT pin.
Control for the mode selection is done via a 4–
bit control word that is independent from the
driver control word. The coding for the drivers
and receivers is identical. Therefore, if the modes
for the drivers and receivers are supposed to be
identical in the application, the control lines can
be tied together.
Like the drivers, the receivers are pre-arranged
for the specific requirements of the interface. As
the operating mode of the receivers is changed,
Table 2. SP502 Receivers
can operate up to 120kbps. The RS-232 drivers
are used in RS-232 mode for all signals, and also
in V.35 mode where they are used as the control
line signals.
The RS-423 drivers output a minimum of
±3.6V
level single–ended signals (with 450
Ω loading)
and can operate up to 120kbps. Open circuit
V
OL and VOH measurements may exceed the
±6V limitation of RS-423. The RS-423 drivers
are used in RS-449 and EIA-530 modes as RL
and LL outputs.
The third type of driver supports RS-485, which
is a differential signal that can maintain
±1.5V
differential output levels with a worst case load
of 54
Ω. The signal levels and drive capability of
the RS-485 drivers allow the drivers to also
support RS-422 requirements of
±2V differen-
tial output levels with 100
Ω loads. The RS-422
drivers are used in RS-449 and EIA-530 modes
as clock, data, and some control line signals.
The RS-485–type drivers are also used in the
V.35 mode. V.35 levels require
±0.55V signals
with a load of 100
Ω. In order to meet the voltage
requirements of V.35, external series resistors
with source impedance termination resistors
must be implemented to voltage divide the driver
outputs from 0 to +5V to 0 to +0.55V. Figure 6
shows the values of the resistor network and
how to connect them. The termination network
also achieves the 50
Ω to 150Ω source imped-
ance for V.35. For applications that require
V.11 signals for clock and data instead of V.35
levels, omit the external termination networks.
All of the differential drivers, RS-485, RS-422,
and V.35 can operate up to 5Mbps.
*TT(a) and TT(b) can be programmed as driver outputs or receiver inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com