Electronic Components Datasheet Search
  English  ▼

X  

2N6213 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 2N6213
Description  SI PNP POWER BJT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

2N6213 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  2N6213 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2N6213

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6213 MOSPEC-2N6213 Datasheet
142Kb / 3P
POWER TRANSISTORS(2A, 35W)
logo
Boca Semiconductor Corp...
2N6213 BOCA-2N6213 Datasheet
147Kb / 3P
MEDIUM-POWER HIGH VOLTAGE PNP POWER TRANSISTORS
logo
Central Semiconductor C...
2N6213 CENTRAL-2N6213 Datasheet
51Kb / 1P
Power Transistors
logo
Microsemi Corporation
2N6213 MICROSEMI-2N6213 Datasheet
58Kb / 2P
PNP HIGH POWER SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6213 NJSEMI-2N6213 Datasheet
222Kb / 2P
MEDIUM-POWER HIGH-VOLTAGE PNP POWER TRANSISTORS
More results

Similar Description - 2N6213

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N3245 NJSEMI-2N3245 Datasheet
89Kb / 1P
SI PNP POWER BJT
2N3637 NJSEMI-2N3637 Datasheet
94Kb / 1P
SI PNP POWER BJT
2N3740 NJSEMI-2N3740 Datasheet
90Kb / 1P
SI PNP POWER BJT
2N3762 NJSEMI-2N3762 Datasheet
113Kb / 1P
SI PNP POWER BJT
2N3777 NJSEMI-2N3777 Datasheet
92Kb / 1P
SI PNP POWER BJT
2N4901 NJSEMI-2N4901 Datasheet
80Kb / 1P
SI PNP POWER BJT
2N5161 NJSEMI-2N5161 Datasheet
79Kb / 1P
SI PNP POWER BJT
2N5956 NJSEMI-2N5956 Datasheet
91Kb / 1P
SI PNP POWER BJT
2N5986 NJSEMI-2N5986 Datasheet
94Kb / 1P
SI PNP POWER BJT
2N6730 NJSEMI-2N6730 Datasheet
91Kb / 1P
SI PNP POWER BJT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com