Electronic Components Datasheet Search
  English  ▼

X  

2N6213 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 2N6213
Description  MEDIUM-POWER HIGH-VOLTAGE PNP POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

2N6213 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  2N6213 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. 2N6213 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 2N6213

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6213 MOSPEC-2N6213 Datasheet
142Kb / 3P
POWER TRANSISTORS(2A, 35W)
logo
Boca Semiconductor Corp...
2N6213 BOCA-2N6213 Datasheet
147Kb / 3P
MEDIUM-POWER HIGH VOLTAGE PNP POWER TRANSISTORS
logo
Central Semiconductor C...
2N6213 CENTRAL-2N6213 Datasheet
51Kb / 1P
Power Transistors
logo
Microsemi Corporation
2N6213 MICROSEMI-2N6213 Datasheet
58Kb / 2P
PNP HIGH POWER SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6213 NJSEMI-2N6213 Datasheet
76Kb / 1P
SI PNP POWER BJT
More results

Similar Description - 2N6213

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP51 PHILIPS-BCP51 Datasheet
44Kb / 8P
PNP medium power transistors
1999 Apr 08
logo
STMicroelectronics
STF817 STMICROELECTRONICS-STF817 Datasheet
57Kb / 5P
PNP MEDIUM POWER TRANSISTORS
Apr-2002
logo
Zetex Semiconductors
ZTX756 ZETEX-ZTX756 Datasheet
50Kb / 2P
PNP SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTORS
logo
Boca Semiconductor Corp...
2N6211 BOCA-2N6211 Datasheet
147Kb / 3P
MEDIUM-POWER HIGH VOLTAGE PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3741A MICROSEMI-2N3741A Datasheet
62Kb / 3P
Medium Power PNP Transistors
logo
List of Unclassifed Man...
ZTX556 ETC-ZTX556 Datasheet
52Kb / 2P
PNP SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTORS
logo
Guangdong Kexin Industr...
BCX51 KEXIN-BCX51 Datasheet
53Kb / 2P
PNP Medium Power Transistors
logo
Diodes Incorporated
ZTX556 DIODES-ZTX556 Datasheet
284Kb / 2P
PNP SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTORS
JULY 1994
ZTX756 DIODES-ZTX756_15 Datasheet
59Kb / 2P
PNP SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTORS
JULY 1994
logo
Leshan Radio Company
LBTP180Y3T1G LRC-LBTP180Y3T1G Datasheet
508Kb / 5P
PNP medium power transistors Low voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com