Electronic Components Datasheet Search
  English  ▼

X  

SP6660EP Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP6660EP
Description  200mA Charge Pump Inverter or Doubler
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6660EP Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP6660EP Datasheet HTML 8Page - Sipex Corporation SP6660EP Datasheet HTML 9Page - Sipex Corporation SP6660EP Datasheet HTML 10Page - Sipex Corporation SP6660EP Datasheet HTML 11Page - Sipex Corporation SP6660EP Datasheet HTML 12Page - Sipex Corporation SP6660EP Datasheet HTML 13Page - Sipex Corporation SP6660EP Datasheet HTML 14Page - Sipex Corporation SP6660EP Datasheet HTML 15Page - Sipex Corporation SP6660EP Datasheet HTML 16Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
SP6660DS/11
SP6660 200mA Charge Pump Inverter or Doubler
© Copyright 2000 Sipex Corporation
12
THEORY OF OPERATION
Negative Voltage Inverter
This is the most common application of the
SP6660 where a +1.5V to +4.25V input is
converted to a -1.5V to -4.25V output. In the
inverting mode, the SP6660 is typically operated
with LV connected to GND. Since the LV may
be left open, the substitution of the SP6660 for
the ICL7660 industry standard is simplified.
The circuit for the voltage inverter mode can be
found in Figure 21. This operating circuit uses
only two external capacitors, C1 and C2, for
the internal charge pump. This allows designers
to avoid any EMI concerns with the costly,
space-consuming inductors typically used with
switching regulators.
Figure 21. Typical Operating Circuit for the Voltage Inverter
OSC
OUT
SP6660
+VIN
+1.5V to +4.25V
C1
1
µF to 150µF
5
1
2
7
4
FC
C2
1
µF to 150µF
CAP+
CAP-
GND
6
8
3
LV
NEGATIVE
VOLTAGE
OUTPUT
TYPICAL CIRCUIT: VOLTAGE INVERTER
+V
The SP6660 is insensitive to load current
changes. Output Source Resistance vs. Supply
Voltage and Temperature curves are shown in
Figures 14 to 16. A typical output source
resistance of 5.2
Ω allows an output voltage of
-4.25V under light load with an input of +4.25V.
This output voltage decreases to only -4.0V
with a load current draw of 100mA.
The peak-to-peak output ripple voltage is
calculated as follows:
VRIPPLE =
+ IOUT(ESRC2)
IOUT
2(fPUMP)(C2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com