Electronic Components Datasheet Search
  English  ▼

X  

ASD501V Datasheet(PDF) 2 Page - Frontier Electronics.

Part # ASD501V
Description  100mA Advanced Schottky Barrier Diode (Surface mount small signal type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

ASD501V Datasheet(HTML) 2 Page - Frontier Electronics.

  ASD501V Datasheet HTML 1Page - Frontier Electronics. ASD501V Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ASD501V
Page: 2
FIG. 1 - FORWARD VOLTAGE
CHARACTERISTICS
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
1000m
100m
10m
1m
Ta=125
℃
Ta=25
℃
Ta=50
℃
Ta=75
℃
FORWARD VOLTAGE : VF(V)
RATING AND CHARACTERISTIC CURVES ASD501V
FIG. 2 – REVERSE VOLTAGE
CHARACTERISTICS
10m
1m
100u
10u
1u
100n
0
10
20
30
40
Ta=25
℃
Ta=75
℃
Ta=125
℃
REVERSE VOLTAGE : VR(V)
FIG. 3 – CAPACITANCE BETWEEN
TERMINALS CHARACTERISTICS
100
50
20
10
5
2
1
1
0
2
4
6
8
10
12
14
REVERSE VOLTAGE : VR(V)
FIG. 4 – DERATING CURVE
(MOUNTING ON GLASS EPOXY PCBS)
AMBIENT TEMPERATURE : Ta(
oC)
0
25
50
75
100
125
150
100
80
60
40
20
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com