Electronic Components Datasheet Search
  English  ▼

X  

MF2 Datasheet(PDF) 1 Page - Mercury United Electronics Inc

Part # MF2
Description  Surface Mount Crystals
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERCURY [Mercury United Electronics Inc]
Direct Link  http://www.mercuryunited.com
Logo MERCURY - Mercury United Electronics Inc

MF2 Datasheet(HTML) 1 Page - Mercury United Electronics Inc

  MF2 Datasheet HTML 1Page - Mercury United Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MF2
Surface Mount Crystals
Fund.
3rd O.T.
[ 6.0 * 3.5 * 1.0 mm ]
Min.
Max.
8MHz
125MHz
Features
Specifications
●
The entire package can be grounded via the top metal lid and the two bottom pads.
●
This tight tolerance and tight stability crystal is ideal for telecommunications.
●
This crystal package will withstand solder reflow .
General Specifications
Item / Type
MF2
series ( 6.0 * 3.5 * 1.0 mm )
Frequency Range & Crystal Cut
8.000 ~ 50.000 MHz , AT-cut , Fundamental Mode ( see Table 1 )
30.000 ~ 125.000 MHz , AT-cut , 3rd overtone ( see Table 1 )
Load Capacitance
Series or Parallel ( 8 to 32 pF ) resonance
Drive Level
10μ W typical ( 100μ W max. )
Frequency Tolerance
± 5 ppm , ± 10 ppm , ± 20 ppm or ± 30 ppm at 25°C
Frequency Stability
See Table 2
Aging
△
F / F : ±3 ppm / year ( max. )
Storage Temperature Range
- 50°C to 105°C
Table 1
Table 2
ESR ( Equivalent Series Resistance )
Frequency stability vs Operating temperature range
Freq.(MHz)
Osc. Mode
E.S.R.
Freq.(MHz)
Osc. Mode
E.S.R.
Stability code Temp. (ºC) \ ppm
X
-10 to 60°C
± 5
± 10
○○
AT , 3rd
80 Ω
8.0 ~ 12.0
AT , Fund.
80 Ω
30.0~ 40.0
AT , 3rd
100 Ω
12.1 ~ 16.0
AT , Fund.
60 Ω
40.1~ 50.0
▲○
± 25
± 30
○○
± 15
± 20
○○
Y
-20 to 70°C
I
-40 to 85°C
AT , 3rd
50 Ω
○○
Outline Dimensions ( Unit : mm )
○○
16.1~ 50.0
AT , Fund.
40 Ω
50.1~ 125.0
Mercury www .mercury-crystal.com
■
Taiwan : Tel (886)-2-2406-2779 / sales-tw@mercury-crystal.com ■U.S.A: Tel: (1)-909-466-0427 / sales-us@mercury-crystal.com ■China: Tel: (86)-512-5763-8100 / sales-cn@mecxtal.com
○○
○
: available ; ▲ : contact Mercury
○○


Similar Part No. - MF2

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
Precision / Metal Film Resistors
MF2000 RIEDON-MF2000 Datasheet
172Kb / 1P
Precision / Metal Film Resistors
MF2000 RIEDON-MF2000_13 Datasheet
172Kb / 1P
Precision / Metal Film Resistors
logo
List of Unclassifed Man...
MF20080V1-1000U-A99 ETC-MF20080V1-1000U-A99 Datasheet
8Mb / 89P
DC Brushless Fan & Blower
MF20080V2-1000U-A99 ETC-MF20080V2-1000U-A99 Datasheet
8Mb / 89P
DC Brushless Fan & Blower
More results

Similar Description - MF2

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
ATSM-49 MTRONPTI-ATSM-49 Datasheet
260Kb / 1P
Surface Mount Crystals
HC-49U MTRONPTI-HC-49U Datasheet
261Kb / 1P
Surface Mount Crystals
HC-49U MTRONPTI-HC-49U_07 Datasheet
257Kb / 2P
Surface Mount Crystals
logo
EUROQUARTZ limited
49MJ EUROQUARTZ-49MJ Datasheet
104Kb / 1P
SURFACE-MOUNT CRYSTALS
86SMX EUROQUARTZ-86SMX Datasheet
47Kb / 1P
SURFACE-MOUNT CRYSTALS
90SMX-SH EUROQUARTZ-90SMX-SH Datasheet
103Kb / 1P
SURFACE-MOUNT CRYSTALS
logo
MTRONPTI
HC49U MTRONPTI-HC49U Datasheet
308Kb / 2P
Surface Mount Crystals
logo
Mercury United Electron...
M49 MERCURY-M49 Datasheet
109Kb / 1P
Surface Mount Crystals
MJ2 MERCURY-MJ2 Datasheet
105Kb / 1P
Surface Mount Crystals
X22 MERCURY-X22 Datasheet
44Kb / 1P
Surface Mount Crystals
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com