Electronic Components Datasheet Search
  English  ▼

X  

FR601G Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # FR601G
Description  GLASS PASSIVATED FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

FR601G Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  FR601G Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd FR601G Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50V-1000V
GLASS PASSIVATED FAST RECOVERY RECTIFIERS
6.0A
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
1 of 2
FR601G-FR607G
FEATURES
•
Fast switching for high efficiency
•
Glass passivated chip junction
•
High current surge capability
•
Low leakage
•
High temperature soldering guaranteed
260
/10 seconds,0.375 (9.5mm)lead length at 5 lbs (2.3kg) tension
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Epoxy: UL94V-0 rate flame retardant
•
Polarity: Color band denotes cathode end
•
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
•
Mounting position: Any
•
Weight: 0.07 ounce, 2.0 gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol FR
601G
FR
602G
FR
603G
FR
604G
FR
605G
FR
606G
FR
607G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current .375”(9.5mm) Lead Length
@TA = 55
oC
I(AV)
6.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
250
A
Maximum Instantaneous Forward Voltage
@ 6.0A
VF
1.3
V
Maximum DC Reverse Current
@TA=25
oC at Rated DC Blocking Voltage
@ TA=125
oC
IR
5.0
200
uA
uA
Maximum Reverse Recovery Time ( Note 1)
Trr
150
250
500
nS
Typical Junction Capacitance ( Note 2 )
Cj
50
pF
Typical Thermal Resistance
RθJA
30
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
3. Mount on Cu-Pad Size 16mm x 16mm on P.C.B.


Similar Part No. - FR601G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
FR601G JGD-FR601G Datasheet
147Kb / 2P
6.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Dc Components
FR601G DCCOM-FR601G Datasheet
460Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
GOOD-ARK Electronics
FR601G GOOD-ARK-FR601G Datasheet
195Kb / 3P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Taiwan Semiconductor Co...
FR601G TSC-FR601G Datasheet
69Kb / 2P
6.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR601G TSC-FR601G Datasheet
249Kb / 2P
6.0 AMPS. Glass Passivated Fast Recovery Rectifiers
More results

Similar Description - FR601G

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
FR602G CHENDA-FR602G Datasheet
74Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
FR605G CHENDA-FR605G Datasheet
74Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shanghai Shunye Electro...
BY396G SHUNYE-BY396G Datasheet
1Mb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Microdiode Semiconducto...
FR101G CHENDA-FR101G Datasheet
533Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4933G HY-1N4933G_17 Datasheet
136Kb / 3P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
FR101G HY-FR101G_17 Datasheet
136Kb / 3P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shanghai Shunye Electro...
BA157G SHUNYE-BA157G_17 Datasheet
1,014Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
FR151G SHUNYE-FR151G_17 Datasheet
1Mb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Microdiode Semiconducto...
1N4933G CHENDA-1N4933G_V01 Datasheet
643Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
BY296G CHENDA-BY296G_V01 Datasheet
543Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com