Electronic Components Datasheet Search
  English  ▼

X  

BYD34MP Datasheet(PDF) 2 Page - Frontier Electronics.

Part # BYD34MP
Description  1.5A FAST RECOVERY PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BYD34MP Datasheet(HTML) 2 Page - Frontier Electronics.

  BYD34MP Datasheet HTML 1Page - Frontier Electronics. BYD34MP Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BYD34DP THRU BYD34MP
Page: 2
1cm
RATINGS AND CHARACTERISTIC CURVE BYD34DP THRU BYD34MP
100
10
1
FIG. 5-TYPICAL JUNCTION CAPACITANCE
Tj=25
oC
f = 1 MHz
Vsig = 50 mVp-p
1
10
100
REVERSE VOLTAGE, VOLTS
TA-AMBIENT TEMPERATURE (
OC)
0
20 40
60 80 100 120 140 160 180 200
Fig. 2-MAXIMUM CURRENT DERATING CURVE
2.0
1.0
0
SINGLE PHASE
HALF
WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD
35 x 35 x 1 mm
HEAT SINK
5mm
Fig. 4-MAXIMUM FORWARD SURGE
NUMBER OF CYCLES
100
90
75
60
30
0
1
10
100
NUMBER OF CYCLES AT 60 HZ
FIG. 1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
+0.5A
0
-0.25A
-1.0A
Trr
SET TIME BASE
FOR 10/20 ns/cm
PULSE
GENERATOR
( NOTE 2 )
(+)
25 Vdc
(approx)
(-)
D.U.T.
1
Ω
NON
INDUCTIVE
OSCILLOSCOPE
( NOTE 1 )
50
Ω
NO INDUCTIVE
10
Ω
NO INDUCTIVE
(-)
(+)
NOTE: 1. RISE TIME=7ns MAX. INPUT
IMPEDANCE=1 MOhms 22PF
2. RISE TIME =10ns MAX. SOURCE
IMPEDANCE=50OHMS
FIG. 6-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,(V)
Tj=25
oC
PULSE WIDTH =300us
1% DUTY CYCLE
20
10
3.0
1.0
0.3
0.1
.03
.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FIG. 3-TYPICAL REVERSE
CHARACTERISTICS
TJ=25
oC
100
10
1.0
0.1
.01
PERCENT OF RATED PEAK REVERSE
0
20
40
60
80
100
120
140
TJ=100
oC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com