Electronic Components Datasheet Search
  English  ▼

X  

33988 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # 33988
Description  Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33988 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button 33988 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33988 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33988 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33988 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33988 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33988 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33988 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33988 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33988 Datasheet HTML 34Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
33
33988
REVISION HISTORY
REVISION HISTORY
REVISION
DATE
DESCRIPTION OF CHANGES
1.0
1/2007
•
Initial release
2.0
5/2007
•
Changed typ and max number on Output Turn-ON Delay Time in Fast/Slow Slew Rate(20)
•
Changed min on Output Turn-OFF Delay Time in Fast Slew Rate Mode(21)
•
Changed labels on HS1 Switching Delay Time (OSD[2:0]) and HS0 Switching Delay Time
(OSD[2:0])
•
Corrected labels on Figure 12, Typical Applications
3.0
8/2007
•
Updated Freescale format and style
•
Updated Junction-to-Ambient
•
Added Functional Internal Block Description
•
Updated Device Behavior in Case of Under-voltage
4.0
11/2009
•
Added one paragraph and figure to Typical Applications
5.0
7/2010
•
Corrected typo in Tables 15 and 16 (Faults to Fault) and added “FAULT report of any fault on HS0
or HS1” to Table 16.
6.0
9/2010
•
Corrected Logic on bit 2, Address x100—Direct Input Control Register (DICR) on page 25.
7.0
5/2012
•
Changed orderable part number from MC33988CPNA to MC33988CHFK
•
Updated (6)
•
Updated soldering information
•
Updated Freescale form and style



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com