Electronic Components Datasheet Search
  English  ▼

X  

DF-08 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # DF-08
Description  1A BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

DF-08 Datasheet(HTML) 2 Page - Frontier Electronics.

  DF-08 Datasheet HTML 1Page - Frontier Electronics. DF-08 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DF005 THRU DF10
Page: 2
RATING AND CHARACTERISTICS CURVES DF005 THRU DF10
FIG. 1 - DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
1.0
0.8
0.6
0.4
0.2
0
20
40
60
80
100
120
140 150
AMBIENT TEMPERATURE,
℃
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT PER LEG
60
50
40
30
20
10
0
1
10
100
NUMBER CYCLES AT 60HZ
TJ=150℃
SINGLE SINE -WAVE
( JEDEC Method )
FIG.3 - TYPICAL FORWARD
CHARACTERISTICS
10
1.0
0.1
.01
0.4
0.6
0.8
1.0
1.2
1.4
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
TJ=25℃
TYPICAL
DISTRIBUTION
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
10
1.0
0.1
\
.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK
REVERSE VOLTAGE (%)
TJ=25℃



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com