Electronic Components Datasheet Search
  English  ▼

X  

MPC5554MZP132 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC5554MZP132
Description  Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554MZP132 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC5554MZP132 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5554MZP132 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5554MZP132 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5554MZP132 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5554MZP132 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5554MZP132 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5554MZP132 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5554MZP132 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5554MZP132 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
MPC5554 Microcontroller Data Sheet, Rev. 4
Electrical Characteristics
Freescale Semiconductor
12
To avoid this condition, minimize the ramp time of the VDD supply to a time period less than the time
required to enable the external circuitry connected to the device outputs.
During initial power ramp-up, when Vstby is 0.6v or above. a typical current of 1-3mA and maximum of
4mA may be seen until VDD is applied. This current will not reoccur until Vstby is lowered below Vstby
min. specification.
Figure 2 shows an approximate interpolation of the ISTBY worst-case specification to estimate values at
different voltages and temperatures. The vertical lines shown at 25 C, 60 C, and 150 C in Figure 2 are
the actual IDD_STBY specifications (27d) listed in Table 9.
Figure 2. fISTBY Worst-case Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com