Electronic Components Datasheet Search
  English  ▼

X  

MAX338 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX338
Description  8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX338 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX338 Datasheet HTML 1Page - Maxim Integrated Products MAX338 Datasheet HTML 2Page - Maxim Integrated Products MAX338 Datasheet HTML 3Page - Maxim Integrated Products MAX338 Datasheet HTML 4Page - Maxim Integrated Products MAX338 Datasheet HTML 5Page - Maxim Integrated Products MAX338 Datasheet HTML 6Page - Maxim Integrated Products MAX338 Datasheet HTML 7Page - Maxim Integrated Products MAX338 Datasheet HTML 8Page - Maxim Integrated Products MAX338 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
8-Channel/Dual 4-Channel,
Low-Leakage, CMOS Analog Multiplexers
_______________________________________________________________________________________
5
600
ON-RESISTANCE vs. VCOM
(DUAL SUPPLIES)
500
0
100
200
300
-20
20
-15
15
-10
10
-5
5
0
400
VCOM (V)
±5V
±10V
±15V
±20V
ON-RESISTANCE vs. VCOM OVER
TEMPERATURE (DUAL SUPPLIES)
0
100
200
300
-15
15
-10
10
-5
5
0
400
VCOM (V)
+125
°C
+85
°C
+25
°C
-55
°C
V+ = +15V
V- = -15V
1200
1400
ON-RESISTANCE vs. VCOM
(SINGLE SUPPLY)
1000
0
200
400
600
15
20
10
5
0
800
VCOM (V)
+5V
+12V
+15V
+20V
600
700
ON-RESISTANCE vs. VCOM OVER
TEMPERATURE (SINGLE SUPPLY)
500
0
100
200
300
15
10
5
0
400
VCOM (V)
+125
°C
+85
°C
+25
°C
-55
°C
V+ = +15V
V- = 0V
30
CHARGE INJECTION vs. VCOM
20
-30
-20
-10
0
-15
15
-10
10
-5
5
0
10
VCOM (V)
CL = 100pF
V- = 0V
±15V
40
+12V
+5V
10
0.0001
-55
125
OFF LEAKAGE vs. TEMPERATURE
1
TEMPERATURE (
°C)
25
0.01
0.001
-35 -15
65
0.1
100
1000
45
85
105
5
INO (OFF)
ICOM (OFF)
V+ = +15V
V- = -15V
10
0.0001
-55
125
ON LEAKAGE vs. TEMPERATURE
1
TEMPERATURE (
°C)
25
0.01
0.001
-35 -15
65
0.1
100
1000
45
85
105
5
ICOM(ON)
V+ = +15V
V- = -15V
100
0.001
-55
125
SUPPLY CURRENT vs. TEMPERATURE
10
TEMPERATURE (
°C)
25
0.1
0.01
-35 -15
65
1
45
85
105
5
I-
1000
I+, VA(ALL) = 2.4V
I+, VA = 0V
600
1000
900
800
700
TRANSITION TIME vs.
POWER SUPPLIES
500
0
100
200
300
±15
±20
±10
OR 10V
(SINGLE)
±5
OR 5V
(SINGLE)
0
400
SUPPLY VOLTAGE (V)
SINGLE SUPPLY
DUAL SUPPLIES
RL = 1k
Ω
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com