Electronic Components Datasheet Search
  English  ▼

X  

MAX3465CSD Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3465CSD
Description  5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3465CSD Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3465CSD Datasheet HTML 4Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 5Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 6Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 7Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 8Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 9Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 10Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 11Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
+5V, Fail-Safe, 40Mbps, Profibus RS-485/
RS-422 Transceivers
8
Pin Configurations and Typical Operating Circuit
TOP VIEW
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VCC
VCC
VCC
RXP
A
B
DE
DE
RE
RE
RO
SHDN
MAX3465
MAX3466
Z
Y
TXP
RXP
TXP
RO
RO
DI
DI
GND
GND
DI
DIP/SO
R
R
6, 7
3
GND
12
10
9
Z
Y
11
A
B
0.1
μF
5
414
2
13
8
D
D
R
Rt
Rt
DE
GND
D
RE
Figure 1. MAX3465/MAX3466 Pin Configuration and Typical Full-Duplex Operating Circuit
TOP VIEW
8
7
6
5
1
2
3
4
VCC
VCC
A
B
RO
VCC
MAX3467
Z
Y
RO
RO
DI
DI
GND
DI
DIP/SO
R
R
4 GND
8
6
5
Z
Y
7
A
B
0.1
μF
3
1
2
D
D
R
Rt
Rt
GND
D
Figure 2. MAX3467 Pin Configuration and Typical Full-Duplex Operating Circuit
TOP VIEW
NOTE: PIN LABELS Y AND Z ON TIMING, TEST, AND WAVEFORM DIAGRAMS REFER TO PINS A AND B WHEN DE IS HIGH.
8
7
6
5
1
2
3
4
VCC
B
RE
RO
MAX3468
MAX3469
A
GND
RO
DI
DI
DE
DIP/SO
R
0.1
μF
D
Rt
Rt
8
7
6
5
1
2
3
4
VCC
B
RE
RO
A
B
A
GND
DI
DE
DE
R
D
R
D
RE
Figure 3. MAX3468/MAX3469 Pin Configuration and Typical Half-Duplex Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com