Electronic Components Datasheet Search
  English  ▼

X  

MAX339 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX339
Description  8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX339 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX339 Datasheet HTML 1Page - Maxim Integrated Products MAX339 Datasheet HTML 2Page - Maxim Integrated Products MAX339 Datasheet HTML 3Page - Maxim Integrated Products MAX339 Datasheet HTML 4Page - Maxim Integrated Products MAX339 Datasheet HTML 5Page - Maxim Integrated Products MAX339 Datasheet HTML 6Page - Maxim Integrated Products MAX339 Datasheet HTML 7Page - Maxim Integrated Products MAX339 Datasheet HTML 8Page - Maxim Integrated Products MAX339 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
The MAX338/MAX339 are monolithic, CMOS analog
multiplexers (muxes). The 8-channel MAX338 is
designed to connect one of eight inputs to a common
output by control of a 3-bit binary address. The dual, 4-
channel MAX339 is designed to connect one of four
inputs to a common output by control of a 2-bit binary
address. Both devices can be used as either a mux or
a demux. On-resistance is 400
Ω max, and the devices
conduct current equally well in both directions.
These muxes feature extremely low off leakages (less
than 20pA at +25°C), and extremely low on-channel
leakages (less than 50pA at +25°C). The new design
offers guaranteed low charge injection (1.5pC typ) and
electrostatic discharge (ESD) protection greater than
2000V, per method 3015.7. These improved muxes are
pin-compatible upgrades for the industry-standard
DG508A and DG509A. For similar Maxim devices with
lower leakage and charge injection but higher on-resis-
tance, see the MAX328 and MAX329.
The MAX338/MAX339 operate from a single +4.5V to
+30V supply or from dual supplies of ±4.5V to ±20V.
All control inputs (whether address or enable) are TTL
compatible (+0.8V to +2.4V) over the full specified tem-
perature range and over the ±4.5V to ±18V supply
range. These parts are fabricated with Maxim’s 44V sili-
con-gate process.
________________________Applications
Data-Acquisition Systems
Sample-and-Hold Circuits
Test Equipment
Heads-Up Displays
Military Radios
Communications Systems
Guidance and Control Systems
PBX, PABX
____________________________Features
o On-Resistance, <400Ω max
o Transition Time, <500ns
o On-Resistance Match, <10Ω
o NO-Off Leakage Current, <20pA at +25°C
o 1.5pC Charge Injection
o Single-Supply Operation (+4.5V to +30V)
Bipolar-Supply Operation (±4.5V to ±20V)
o Plug-In Upgrade for Industry-Standard
DG508A/DG509A
o Rail-to-Rail Signal Handling
o TTL/CMOS-Logic Compatible
o ESD Protection >2000V, per Method 3015.7
Ordering Information
8-Channel/Dual 4-Channel,
Low-Leakage, CMOS Analog Multiplexers
________________________________________________________________
Maxim Integrated Products
1
CMOS DECODE LOGIC
A2
A1
A0
EN
NO8
NO7
NO6
NO5
NO4
NO3
NO2
NO1
COM
V+
V-
GND
MAX338 8-CHANNEL SINGLE-ENDED MULTIPLEXER
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A1
A2
GND
V+
NO1
V-
EN
A0
TOP VIEW
MAX338
NO5
NO6
NO7
NO8
COM
NO4
NO3
NO2
DIP/SO/QSOP
_____________________Pin Configurations/Functional Diagrams/Truth Tables
19-0272; Rev 4; 4/12
Ordering Information continued at end of data sheet.
*
Contact factory for dice specifications.
**
EP = Exposed Pad
***
Contact factory for availability.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations/Functional Diagrams/Truth Tables
continued at end of data sheet.
General Description
PART
TEMP RANGE
PIN-PACKAGE
MAX338CEE+
0°C to +70°C
16 QSOP
MAX338CPE+
0°C to +70°C
16 PDIP
MAX338CSE+
0°C to +70°C
16 Narrow SO
MAX338C/D
0°C to +70°C
Dice*
MAX338EEE+
-40°C to +85°C
16 QSOP
MAX338ETE+
-40°C to +85°C
16 TQFN-EP**
(5mm x 5mm)


Similar Part No. - MAX339

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX339 MAXIM-MAX339 Datasheet
533Kb / 25P
짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
19-2328; Rev 3; 9/03
MAX339 MAXIM-MAX339 Datasheet
276Kb / 11P
2.5V, 짹15kV ESD-Protected RS-232 Transceivers for PDAs and Cell Phones
19-1845; Rev 1; 9/01
MAX339 MAXIM-MAX339 Datasheet
1Mb / 13P
8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
19-0272; Rev 6; 5/19
MAX3390E MAXIM-MAX3390E Datasheet
490Kb / 31P
±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3390EEBC+T MAXIM-MAX3390EEBC+T Datasheet
490Kb / 31P
±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
More results

Similar Description - MAX339

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG408CJ MAXIM-DG408CJ Datasheet
374Kb / 12P
iMPROVED, 8-cHANNEL/dUAL 4-cHANNEL, cmos aNALOG mULTIPLEXERS
19-4729; Rev 3; 6/99
MAX336 MAXIM-MAX336 Datasheet
170Kb / 12P
16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
19-1193; Rev 0; 4/97
DG408 MAXIM-DG408 Datasheet
152Kb / 12P
Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
Rev 4; 9/08
logo
Vishay Siliconix
DG508B VISHAY-DG508B Datasheet
274Kb / 18P
Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
20-Dec-10
logo
Maxim Integrated Produc...
MAX338ESE MAXIM-MAX338ESE Datasheet
155Kb / 13P
8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
MAX336 MAXIM-MAX336_V01 Datasheet
1Mb / 12P
16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
19-1193; Rev 1; 10/14
MAX338 MAXIM-MAX338_V01 Datasheet
1Mb / 13P
8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
19-0272; Rev 6; 5/19
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
DG1208 MAXIM-DG1208 Datasheet
1Mb / 23P
Low-Leakage, Single 8-Channel and Dual 4-Channel, Analog Multiplexers
2021
logo
Vishay Siliconix
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
15-Dec-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com