Electronic Components Datasheet Search
  English  ▼

X  

MAX3465 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3465
Description  5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3465 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3465 Datasheet HTML 5Page - Maxim Integrated Products MAX3465 Datasheet HTML 6Page - Maxim Integrated Products MAX3465 Datasheet HTML 7Page - Maxim Integrated Products MAX3465 Datasheet HTML 8Page - Maxim Integrated Products MAX3465 Datasheet HTML 9Page - Maxim Integrated Products MAX3465 Datasheet HTML 10Page - Maxim Integrated Products MAX3465 Datasheet HTML 11Page - Maxim Integrated Products MAX3465 Datasheet HTML 12Page - Maxim Integrated Products MAX3465 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
+5V, Fail-Safe, 40Mbps, Profibus RS-485/
RS-422 Transceivers
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time. The parametric values (min and max limits) shown in
the Electrical. Characteristics table are guaranteed. Other parametric values quoted in this data sheet are provided for guidance.
Maxim Integrated Products, 160 Rio Robles, San Jose, CA 95134 USA 1-408-601-1000 ____________________ 13
© 2012 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
10/09
Initial release.
—
1
1/04
Updated the description for the DE pin in the Pin Description table.
6
2
8/09
Replaced TOC 11.
5
3
5/12
Added lead-free compliant packaging information, updated Figure 3 caption,
updated package table
1, 8, 11, 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com