Electronic Components Datasheet Search
  English  ▼

X  

SP813LEU Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP813LEU
Description  Low Power Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP813LEU Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP813LEU Datasheet HTML 10Page - Sipex Corporation SP813LEU Datasheet HTML 11Page - Sipex Corporation SP813LEU Datasheet HTML 12Page - Sipex Corporation SP813LEU Datasheet HTML 13Page - Sipex Corporation SP813LEU Datasheet HTML 14Page - Sipex Corporation SP813LEU Datasheet HTML 15Page - Sipex Corporation SP813LEU Datasheet HTML 16Page - Sipex Corporation SP813LEU Datasheet HTML 17Page - Sipex Corporation SP813LEU Datasheet HTML 18Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
SP705DS/09
SP705 Low Power Microprocessor Supervisory Circuits
© Copyright 2000 Sipex Corporation
14
n
o
i
t
c
n
u
F
S
P
L
/
P
L
2
3
2
1
S
D
s
a
l
l
a
Dr
e
b
m
u
N
t
r
a
P
e
v
i
t
a
n
r
e
t
l
A
x
e
p
i
S
n
i
P
r
e
b
m
u
Nr
e
b
m
u
N
r
e
b
m
u
N
r
e
b
m
u
Nr
e
b
m
u
N
r
o
P
I
Dr
o
P
I
D
r
o
P
I
D
r
o
P
I
Dr
o
P
I
D
C
I
O
SC
I
O
S
C
I
O
S
C
I
O
SC
I
O
S
n
i
P
n
o
i
t
p
i
r
c
s
e
Dn
o
i
t
p
i
r
c
s
e
D
n
o
i
t
p
i
r
c
s
e
D
n
o
i
t
p
i
r
c
s
e
Dn
o
i
t
p
i
r
c
s
e
D
t
r
a
P
x
e
p
i
S
r
e
b
m
u
Nr
e
b
m
u
N
r
e
b
m
u
N
r
e
b
m
u
Nr
e
b
m
u
N
r
e
b
m
u
N
n
i
P
n
o
i
t
p
i
r
c
s
e
D
n
i
P
r
o
P
I
D
C
I
O
SC
I
O
S
C
I
O
S
C
I
O
SC
I
O
S
C
I
O
S
µ
t
e
s
e
R
l
a
u
n
a
M1
T
S
R
B
P
/
8
0
7
-
5
0
7
P
S
M
3
1
8
/
L
3
1
8M
3
1
8
/
L
3
1
8
M
3
1
8
/
L
3
1
8
M
3
1
8
/
L
3
1
8M
3
1
8
/
L
3
1
8
13
R
M
t
e
S
y
a
l
e
D
e
m
i
T
I
D
W2
D
T
/
8
0
7
-
5
0
7
P
S
M
3
1
8
/
L
3
1
8M
3
1
8
/
L
3
1
8
M
3
1
8
/
L
3
1
8
M
3
1
8
/
L
3
1
8M
3
1
8
/
L
3
1
8
A
/
NA
/
Nn
g
i
s
e
d
y
b
c
e
s
6
.
1
V
C
C
V
6
.
4
p
i
r
T3
D
N
G
=
L
O
T
/
7
0
7
/
5
0
7
P
S
L
3
1
8L
3
1
8
L
3
1
8
L
3
1
8L
3
1
8
A
/
NA
/
Nn
g
i
s
e
d
y
b
V
6
.
4
V
C
C
V
4
.
4
p
i
r
T3
V
=
L
O
T
C
C
/
8
0
7
/
6
0
7
P
S
M
3
1
8M
3
1
8
M
3
1
8
M
3
1
8M
3
1
8
A
/
NA
/
Nn
g
i
s
e
d
y
b
V
4
.
4
d
n
u
o
r
G4
D
N
G
/
8
0
7
-
5
0
7
P
S
M
3
1
8
/
L
3
1
8M
3
1
8
/
L
3
1
8
M
3
1
8
/
L
3
1
8
M
3
1
8
/
L
3
1
8M
3
1
8
/
L
3
1
8
35
D
N
G
H
G
I
H
e
v
i
t
c
A
t
e
s
e
R5
T
S
R
8
0
7
/
7
0
7
P
S
82
T
E
S
E
R
H
G
I
H
e
v
i
t
c
A
t
e
s
e
R5
T
S
R
M
3
1
8
/
L
3
1
8
P
S
71
T
E
S
E
R
W
O
L
e
v
i
t
c
A
t
e
s
e
R6
T
S
R
8
0
7
-
5
0
7
P
S
71
T
E
S
E
R
t
u
p
n
I
g
o
d
h
c
t
a
W7
)
L
o
t
H
(
T
S
/
6
0
7
/
5
0
7
P
S
M
3
1
8
/
L
3
1
8M
3
1
8
/
L
3
1
8
M
3
1
8
/
L
3
1
8
M
3
1
8
/
L
3
1
8M
3
1
8
/
L
3
1
8
68
)
.
s
n
a
r
t
y
n
a
(
I
D
W
t
u
p
n
I
e
g
a
t
l
o
V8
V
C
C
/
8
0
7
-
5
0
7
P
S
M
3
1
8
/
L
3
1
8M
3
1
8
/
L
3
1
8
M
3
1
8
/
L
3
1
8
M
3
1
8
/
L
3
1
8M
3
1
8
/
L
3
1
8
24
V
C
C
t
u
p
n
I
li
a
F
r
e
w
o
PA
/
NA
/
N
/
8
0
7
-
5
0
7
P
S
M
3
1
8
/
L
3
1
8M
3
1
8
/
L
3
1
8
M
3
1
8
/
L
3
1
8
M
3
1
8
/
L
3
1
8M
3
1
8
/
L
3
1
8
46
I
F
P
t
u
p
t
u
O
li
a
F
r
e
w
o
PA
/
NA
/
N
/
8
0
7
-
5
0
7
P
S
M
3
1
8
/
L
3
1
8M
3
1
8
/
L
3
1
8
M
3
1
8
/
L
3
1
8
M
3
1
8
/
L
3
1
8M
3
1
8
/
L
3
1
8
57
O
F
P
t
u
p
t
u
O
g
o
d
h
c
t
a
WA
/
NA
/
N
/
6
0
7
/
5
0
7
P
S
M
3
1
8
/
L
3
1
8M
3
1
8
/
L
3
1
8
M
3
1
8
/
L
3
1
8
M
3
1
8
/
L
3
1
8M
3
1
8
/
L
3
1
8
82
O
D
W
Table 2. Device Overview on Dallas Semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com