Electronic Components Datasheet Search
  English  ▼

X  

TO-220AC Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # TO-220AC
Description  Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

TO-220AC Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  TO-220AC Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd TO-220AC Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.5 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
SET TIME BASE FOR 85 ns/cm
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE = 1M
.22pF.
JJJJJ2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
t rr
-1.0A
-0.25A
0
+0.5A
1c m
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
25VDC
(approx)
(-)
0
1.0
2.0
3.0
4.0
0
25
50
75
100
125
150
175
Single Phase
Half Wave 50HZ
Resistive or
Inductive Load
5.0
1.2 1.4
1.6
1.8
2.0
2.2
0.1
0.2
0.6
0.4
1
2
4
10
20
40
100
200
TJ=25
Pulse Width=300us
0.1
10
100
040
60
1.0
20
100 120 140
80
Tj=25
1000
Tj=100
Tj=125
z
FIG.3--PEAKFORWARD SURGECURRENT
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
NUMBER OF CYCLES AT 50Hz
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
.
FIG.1 -- TYPICAL FORWARD CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.2-- FORWARD DERATING CURVE
CASE TEMPERATURE,
30
0
12
15
60
45
75
41 0
2 0
100
40
TJ=125
10ms Single Half
Sine-Wave
DD00515
Fast Recovery Rectifier
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com