Electronic Components Datasheet Search
  English  ▼

X  

GDZ2.0A Datasheet(PDF) 2 Page - Frontier Electronics.

Part # GDZ2.0A
Description  500m WATT ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

GDZ2.0A Datasheet(HTML) 2 Page - Frontier Electronics.

  GDZ2.0A Datasheet HTML 1Page - Frontier Electronics. GDZ2.0A Datasheet HTML 2Page - Frontier Electronics. GDZ2.0A Datasheet HTML 3Page - Frontier Electronics. GDZ2.0A Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GDZ2.0A THRU GDZ36D
Page: 2
ELECTRICAL CHARACTERISTICS (TA=25
℃UNLESS OTHERWISE NOTED) VF=1.0V MAX, IF = 100mA FOR ALL TYPES
MAXIMUM ZENER IMPEDANCE
MAXIMUM REVERSE
LEAKAGE CURRENT
NOMINAL
ZENER VOLTS
VZ@IZT VOLTS
ZZT @ IZT
ZZK@IZK
JEDEC
TYPE
MIN
MAX
TEST
CURRENT
IZT
mA
TEST
CURRENT
IZK
mA
OHMS
OHMS
IR
μA
@ VR
VOLTS
GDZ5.6A
GDZ5.6B
GDZ5.6C
GDZ6.2A
GDZ6.2B
GDZ6.2C
GDZ6.8A
GDZ6.8B
GDZ6.8C
GDZ7.5A
GDZ7.5B
GDZ7.5C
GDZ8.2A
GDZ8.2B
GDZ8.2C
GDZ9.1A
GDZ9.1B
GDZ9.1C
GDZ10A
GDZ10B
GDZ10C
GDZ10D
GDZ11A
GDZ11B
GDZ11C
GDZ12A
GDZ12B
GDZ12C
GDZ13A
GDZ13B
GDZ13C
GDZ15A
GDZ15B
GDZ15C
GDZ16A
GDZ16B
GDZ16C
GDZ18A
GDZ18B
GDZ18C
GDZ20A
GDZ20B
GDZ20C
GDZ20D
GDZ22A
GDZ22B
GDZ22C
GDZ22D
GDZ24A
GDZ24B
GDZ24C
GDZ24D
5.28
5.45
5.61
5.78
5.96
6.12
6.29
6.49
6.66
6.85
7.07
7.29
7.53
7.78
8.03
8.29
8.57
8.83
9.12
9.41
9.70
9.94
10.18
10.50
10.82
11.13
11.44
11.74
12.11
12.55
12.99
13.44
13.89
14.35
14.80
15.25
15.69
16.22
16.82
17.42
18.02
18.63
19.23
19.72
20.15
20.64
21.08
21.52
22.05
22.61
23.12
23.63
5.55
5.73
5.91
6.09
6.27
6.44
6.63
6.83
7.01
7.22
7.45
7.67
7.92
8.19
8.45
8.73
9.01
9.30
9.59
9.90
10.20
10.44
10.71
11.05
11.38
11.71
12.03
12.35
12.75
13.21
13.66
14.13
14.62
15.09
15.57
16.04
16.51
17.06
17.70
18.33
18.96
19.59
20.22
20.72
21.20
21.71
22.17
22.63
23.18
23.77
24.31
24.85
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
5
5
5
5
5
5
5
5
1
1
1
1
1
1
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
13
13
13
10
10
10
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
10
10
10
12
12
12
14
14
14
16
16
16
18
18
18
23
23
23
28
28
28
28
30
30
30
30
35
35
35
35
500
500
500
300
300
300
150
150
150
120
120
120
120
120
120
120
120
120
120
120
120
120
120
120
120
110
110
110
110
110
110
110
110
110
150
150
150
150
150
150
200
200
200
200
200
200
200
200
200
200
200
200
5
5
5
5
5
5
2
2
2
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
2.5
2.5
2.5
3.0
3.0
3.0
3.5
3.5
3.5
4.0
4.0
4.0
5.0
5.0
5.0
6.0
6.0
6.0
7.0
7.0
7.0
7.0
8.0
8.0
8.0
9.0
9.0
9.0
10.0
10.0
10.0
11.0
11.0
11.0
12.0
12.0
12.0
13.0
13.0
13.0
15.0
15.0
15.0
15.0
17.0
17.0
17.0
17.0
19.0
19.0
19.0
19.0
NOTE
:*MICRO MELF MOLDED GLASS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com