Electronic Components Datasheet Search
  English  ▼

X  

TO-220AC Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # TO-220AC
Description  8.0AMP. Glass Passivated Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

TO-220AC Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  TO-220AC Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd TO-220AC Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tj=25 C
0
Tj=125 C
0
Tj=75 C
0
RATINGS AND CHARACTERISTIC CURVES (FRA801G THRU FRA807G)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
0
5
1
0
0
1
0
5
10
8
6
4
2
0
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
5
10
20
100
50
150
125
100
75
50
25
0
NUMBER OF CYCLES AT 60Hz
TJ=125 C
0
8.3ms Single Half Sine Wave
JEDEC Method
FIG.5- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
0.2
0.4
1
2
4
10
100
20
40
200
400
INSTANTANEOUS FORWARD VOLTAGE. (V)
FIG.2- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.1
0.2
0.4
1
2
4
10
40
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.4- TYPICAL JUNCTION CAPACITANCE
0.1
0.5
1
5
10
50
100
500
1000
120
100
80
60
40
20
0
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
CASE TEMPERATURE. ( C)
o
FRA801G-FRA807G
8.0AMP. Glass Passivated Fast Recovery Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com