Electronic Components Datasheet Search
  English  ▼

X  

SPX2811AT Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX2811AT
Description  10A Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2811AT Datasheet(HTML) 1 Page - Sipex Corporation

  SPX2811AT Datasheet HTML 1Page - Sipex Corporation SPX2811AT Datasheet HTML 2Page - Sipex Corporation SPX2811AT Datasheet HTML 3Page - Sipex Corporation SPX2811AT Datasheet HTML 4Page - Sipex Corporation SPX2811AT Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. 10/30/00
SPX2811
10A Low Dropout Voltage Regulator
Fast Response, Adjustable & Fixed
FEATURES
APPLICATIONS
• Adjustable Output Down To 1.2V
• Powering Intel Pentium µP from +5V Supplies
• Output Current Of 10A
• Power PC Supplies
• Low Dropout Voltage 1.1V Typ
• SMPS Post-Regulator
• Extremely Tight Load And Line Regulation
• High Efficiency “Green” Computer Systems
• Current & Thermal Limiting
• High Efficiency Linear Power Supplies
• Standard 3-Terminal Low Cost TO-220
• Portable Instrumentation
• Similar To Industry Standard LT1584
• Constant Current Regulators
• Adjustable Power Supplies
• Battery Charger
PRODUCT DESCRIPTION
The SPX2811 is a low power 10A adjustable and fixed voltage regulator that is very easy to use. It requires only two external
resistors to set the output voltage for the adjustable version. The SPX2811 is designed for low voltage applications that offer lower
dropout voltage and faster transient response. This device is an excellent choice for use in powering low voltage Microprocessor that
require a lower dropout, faster transient response to regulate from +2.5V to 3.8V supplies and as a post regulator for switching
supplies applications. The SPX2811 features low dropout of a maximum 1.2 volts.
The SPX2811 offers full protection against over-current faults, reversed input polarity, reversed load insertion, and positive and
negative transient voltage. On-Chip trimming adjusts the reference voltage to 1%. The IQ of this device flows into the load which
increases efficiency.
The SPX2811 is offered in a 3-Pin TO-220 and TO-263 package type, compatible with older 3 terminal regulators. For a 8A low
dropout regulator refer to the SPX1584 datasheet.
.
PIN CONNECTIONS
Front View
TO-220-3 (U)
SPX2811
1
23
ADJ/GND V
OUT
V
IN
Top View
TO-263-3 (T)
1
SPX2811
2
3
ADJ/GND V
OUT
V
IN


Similar Part No. - SPX2811AT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2810 SIPEX-SPX2810 Datasheet
191Kb / 9P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810 SIPEX-SPX2810 Datasheet
94Kb / 13P
1A Low Dropout Positive Linear Regulator
SPX2810AM3 SIPEX-SPX2810AM3 Datasheet
191Kb / 9P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810AM3-1.5 SIPEX-SPX2810AM3-1.5 Datasheet
191Kb / 9P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810AM3-2.5 SIPEX-SPX2810AM3-2.5 Datasheet
191Kb / 9P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results

Similar Description - SPX2811AT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1580 SIPEX-SPX1580 Datasheet
148Kb / 5P
7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582 SIPEX-SPX1582 Datasheet
147Kb / 5P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1583 SIPEX-SPX1583 Datasheet
147Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2815 SIPEX-AS2815 Datasheet
181Kb / 9P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585AT-L SIPEX-SPX1585AT-L Datasheet
213Kb / 7P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Exar Corporation
SPX1585AT-L EXAR-SPX1585AT-L Datasheet
344Kb / 7P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com