Electronic Components Datasheet Search
  English  ▼

X  

FS3KB Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # FS3KB
Description  Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

FS3KB Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  FS3KB Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd FS3KB Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.0
1.0
0
50
Resistive or inductive Load
P.C.B.MOUNTED ON
0.27''X0.27''(7.0X7.0mm)
COPPERPAND AREAS
3.0
60 70 80 90 100 110 120 130 140 150 160
1
1 0
1 00
TL=100 C
8.3ms Single Half Sine-Wave
(JEDEC Method)
O
100
80
60
40
20
0
0.4
0.01
0.1
1
10
0.6 0.8 1.0 1.2
1.4 1.6
TJ=25 C
O
Puise Width=300 S
1%DUTY CYCLE
1.8
20
20
0
0.1
40
1
TJ=25 C
60
80
100
0
10
100
TJ=125 C
0
10
1
1000
.
1
100
TJ=25 C
f=1.0MHZ
Vsig=50mVp-p
0
20
30
40
60
REVERSEVOLTAGE,VOLTS
LEADTEMPERATURE
NUMBER OF CYCLESAT60Hz
INSTANTANEOUSFORWARDVOLTAGE,VOLTS
PERCENT OF RATEDPEAKREVERSEVOLTAGE,
FIG.5-TYPICAL JUNCTIONCAPACITANCE
FIG.3-- TYPICALFORWARDCHARACTERISTICS
FIG.4-- TYPICALREVERSE CHARACTERISTICS
FIG.1-- FORWARDDERATINGCURVE
FIG.2PEAKFORWARDSURGECURRENT
4
FS3AB-FS3MB
Surface Mount Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com