Electronic Components Datasheet Search
  English  ▼

X  

SPX2920 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SPX2920
Description  400mA Low Drop Out Voltage Regulator with Shutdown
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2920 Datasheet(HTML) 8 Page - Sipex Corporation

  SPX2920 Datasheet HTML 1Page - Sipex Corporation SPX2920 Datasheet HTML 2Page - Sipex Corporation SPX2920 Datasheet HTML 3Page - Sipex Corporation SPX2920 Datasheet HTML 4Page - Sipex Corporation SPX2920 Datasheet HTML 5Page - Sipex Corporation SPX2920 Datasheet HTML 6Page - Sipex Corporation SPX2920 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 7 page
background image
8
Rev:A Date: 03/30/04
SPX2920 400mA Low Drop Out Voltage Regulator with Shutdown
©Copyright 2004 Sipex Corporation
D
E
1
e
E1
C
C
N
B
B
GAUGE
PLANE
SEATING
PLANE
H
A
A1
L
C
0
See detail
A
C
-
-
1.80
0.02
-
0.10
Dimensions in (mm)
3 PIN SOT-223
JEDEC TO-261
(AA) Variation
6.50
6.70
7.00
7.30
A
A1
c1
D
E
E1
e
L
5
N
MIN
NOM MAX
b3
c
2.84
2.95
3.05
0.23
0.30
0.35
0.23
0.28
0.33
6.30
6.70
ø
0º
-
10º
A2
1.50
1.60
1.70
0.66
0.76
0.84
b
b1
0.60
0.71
0.79
b2
2.90
3.00
3.10
3.30
3.50
3.70
2.30 BASIC
e1
4.60 BASIC
0.75
-
-
-
-
3 PIN SOT-223
PACKAGE: 3 PIN SOT-223



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com