Electronic Components Datasheet Search
  English  ▼

X  

SPX2920 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX2920
Description  400mA Low Drop Out Voltage Regulator with Shutdown
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2920 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX2920 Datasheet HTML 1Page - Sipex Corporation SPX2920 Datasheet HTML 2Page - Sipex Corporation SPX2920 Datasheet HTML 3Page - Sipex Corporation SPX2920 Datasheet HTML 4Page - Sipex Corporation SPX2920 Datasheet HTML 5Page - Sipex Corporation SPX2920 Datasheet HTML 6Page - Sipex Corporation SPX2920 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Rev:A Date: 03/30/04
SPX2920 400mA Low Drop Out Voltage Regulator with Shutdown
©Copyright 2004 Sipex Corporation
Power Dissipation ........................................................ Internally Limited
Lead Temp. (Soldering, 5 Seconds) ............................................. 260°C
Storage Temperature Range ........................................ -65°C to +150°C
Operating Junction Temperature Range ....................... -40°C to +125°C
Input Supply Voltage ......................................................... -20V to +20V
Feedback Input Voltage .................................................... -1.5V to +20V
Shutdown Input Voltage .................................................... -0.3V to +20V
Error Comparator Output .................................................. -0.3V to +20V
ESD Rating ....................................................................................... 2kV
Electrical characteristics at VIN =VO +1V, IO = 1mA, COUT = 2.2µF, TA = 25°C, unless otherwise specified. Boldface applies
over the full operating temperature range.
PARAMETER
CONDITIONS
TYP
MIN
MAX
UNITS
(Note 2)
3.3V Version
Output Voltage
3.3
3.267
3.333
V
1mA ≤ IL ≤ 400mA
3.3
3.217
3.382
5.0V Version
Output Voltage
5.0
4.950
5.050
V
1mA ≤ IL ≤ 400mA
5.0
4.880
5.120
All Voltage Options
Output Voltage
20
100
ppm/°C
Temperature Coefficient
(Note1)
Line Regulation (Note 4)
6V ≤ VIN ≤ 20V
1.5
20
mV
Load Regulation (Note 3)
IL=1 to 400mA
5
20
mV
30
Dropout Voltage (Note5)
IL=1mA
60
100
mV
150
IL=400mA
370
400
500
Ground Current
IL=1mA
140
200
µA
300
IL=100mA
1.3
2
mA
2.5
IL=250mA
3.4
9
mA
12
IL=400mA
6
15
mA
25
Current Limit
VOUT=0
800
mA
Thermal Regulation
0.05
0.2
%/W
Output Noise, 10Hz to 100kHz
CL=10µF
400
µV Vrms
IL=100mA
CL=100µF
260
Adjustable 8-Pin Version only
Reference Voltage
1.235
1.210
1.260
V
Reference Voltage
Over Temperature
1.185
1.285
V
Feedback Pin Bias Current
20
40
nA
60
Reference Voltage Temperature
20
ppm/°C
Coefficient
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com