Electronic Components Datasheet Search
  English  ▼

X  

HER201 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # HER201
Description  2A ULTRA FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

HER201 Datasheet(HTML) 1 Page - Frontier Electronics.

  HER201 Datasheet HTML 1Page - Frontier Electronics. HER201 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HER201 THRU HER208
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
2A ULTRA FAST RECOVERY RECTIFIER
HER201 THRU HER208
FEATURES
PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94V-0
ULTRA FAST RECOVERY TIMES FOR HIGH EFFICIENCY
LOW FORWARD VOLTAGE, HIGH CURRENT CAPABILITY
LOW LEAKAGE
HIGH SURGE CAPABILITY
HIGH TEMPERATURE SOLDERING GUARANTEED:
260°C 0.375” (9.5mm)LEAD LENGTHS FOR 10 SECONDS AT
5 LBS.(2.3KG)TENSION
MECHANICAL DATA
CASE: MOLDED PLASTIC, DO15, DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINALS: AXIAL LEADS SOLDERABLE PER MIL-STD-
202, METHOD 208
POLARITY: COLOR BAND DENOTES CATHODE END
MOUNTING POSITION: ANY
WEIGHT: 0.4 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL HER201 HER202 HER203 HER204 HER205 HER206 HER207 HER208 UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
300
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
210
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
300
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED
CURRENT 0.375” (9.5mm) LEAD LENGTH AT TA=55°C
IO
2.0
A
PEAK FORWARD SURGE CURRENT 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
60
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
30
20
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθja
25
℃/W
STORAGE TEMPERATURE RANGE
TSTG
-55 TO + 150
℃
OPERATING TEMPERATURE RANGE
TOP
-55 TO + 150
℃
ELECTRICAL CHARACTERISTICS (AT TA =25
°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL HER201 HER202 HER203 HER204 HER205 HER206 HER207 HER208 UNITS
MAXIMUM FORWARD VOLTAGE AT Io DC
VF
1.3
1.85
V
MAXIMUM REVERSE CURRENT AT TA=25
°
IR
10
μA
MAXIMUM REVERSE CURRENT AT TA=100
°
IR
100
μA
MAXIMUM REVERSE RECOVERY TIME (NOTE 3)
TRR
50
75
nS
NOTE:
1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. BOTH LEADS ATTACHED TO HEAT SINK 35
×35×1t(mm) COPPER PLATE AT LEAD LENGTH 5mm
3. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25A
.140(3.6)
.104(2.6)
.034(0.9)
.028(0.7)
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
1.0(25.4)
MIN


Similar Part No. - HER201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER201 WTE-HER201 Datasheet
49Kb / 3P
2.0A HIGH EFFICIENCY RECTIFIER
logo
Zowie Technology Corpor...
HER201 ZOWIE-HER201 Datasheet
50Kb / 2P
HIGH EFFICIENCY RECITIFIER
logo
Rectron Semiconductor
HER201 RECTRON-HER201 Datasheet
43Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere)
logo
Jinan Gude Electronic D...
HER201 JGD-HER201 Datasheet
165Kb / 2P
2.0 AMPS.HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER201 BYTES-HER201 Datasheet
154Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER201

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
HER201G SIRECT-HER201G Datasheet
121Kb / 2P
2A ULTRA FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
HER201-LFR FRONTIER-HER201-LFR Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY RECTIFIER
MURS205 FRONTIER-MURS205 Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
MURS205-LFR FRONTIER-MURS205-LFR Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
UF20-005 FRONTIER-UF20-005 Datasheet
128Kb / 2P
2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF20-005G FRONTIER-UF20-005G Datasheet
128Kb / 2P
2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF20-005G-LFR FRONTIER-UF20-005G-LFR Datasheet
129Kb / 2P
2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF20-005-LFR FRONTIER-UF20-005-LFR Datasheet
129Kb / 2P
2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
US2A FRONTIER-US2A Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
HER201G FRONTIER-HER201G Datasheet
982Kb / 2P
2A ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com