Electronic Components Datasheet Search
  English  ▼

X  

SPX2937 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX2937
Description  500mA Low Dropout Voltage Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2937 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX2937 Datasheet HTML 1Page - Sipex Corporation SPX2937 Datasheet HTML 2Page - Sipex Corporation SPX2937 Datasheet HTML 3Page - Sipex Corporation SPX2937 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. 10/30/00
SPX2937
500mA Low Dropout Voltage Regulators
(PRELIMINARY INFORMATION)
FEATURES
APPLICATIONS
• Output Current 500mA at 15V, 12V, 10V, 8V, 5V, 3.3V and 2.5V
• Battery Powered Systems
• Internal Short Circuit Current Limit
• Cordless Telephones
• Dropout Voltage 0.5V at 500mA Output
• Automotive Electronics
• Extremely Tight Load and Line Regulation
• Portable/ Palm Top / Notebook Computers
• Very Low Temperature Coefficient
• Portable Consumer Equipment
• Mirror Image Insertion Protection
• Portable Instrumentation
• Direct Replacement For LM2937 Socket
• SMPS Post-Regulator
• Voltage Reference
PRODUCT DESCRIPTION
The SPX2937 is a low power positive voltage regulator. The SPX2937 offers 500mA output current with a dropout voltage of only
0.5V and over temperature dropout is up to 1V. The quiescent current is 10mA at differential output of 5V and output current of
500mA. A higher quiescent current can exist when the device is in dropout mode (VIN - VOUT
≤ 3V )
The regulator will automatically shut down to protect both the internal circuits and the load. This device also features short circuit and
thermal overload protection.
The SPX2937 is offered in a 3-pin TO-220 package compatible with other 5 volt and 3.3 volt regulators, TO-263 and SOT-223. This
device offers a variety of output voltages 15V, 12V, 10V, 8V, 5V, 3.3V and 2.5V. SPX2937 is a direct replacement to LM2937.
Top View
SPX2937
13
2
SOT-223 (M3)
Top View
TO-263-3 (T)
1
SPX2937
2
3
Front View
TO-220-3 (U)
SPX2937
1
23
V
IN
GND V
OUT
V
OUT GND VIN
V
OUT GND VIN
PIN CONNECTIONS


Similar Part No. - SPX2937

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
138Kb / 4P
150 mA Low Dropout Voltage Regulator
SPX2930 SIPEX-SPX2930 Datasheet
178Kb / 9P
150mA Low Dropout Voltage Regulator
SPX2930 SIPEX-SPX2930 Datasheet
221Kb / 9P
150mA Low Dropout Voltage Regulator
SPX29300 SIPEX-SPX29300 Datasheet
177Kb / 11P
3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29300 SIPEX-SPX29300 Datasheet
293Kb / 11P
3A High Current, Low Dropout Voltage Regulator
More results

Similar Description - SPX2937

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1540 SEMTECH-SC1540 Datasheet
64Kb / 4P
300mA AND 500mA LOW DROPOUT VOLTAGE REGULATORS WITH ENABLE
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ5800 ETC-PJ5800 Datasheet
237Kb / 5P
500mA CMOS Low Dropout Voltage Regulators
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Texas Instruments
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
logo
Unisonic Technologies
UR133 UTC-UR133_12 Datasheet
411Kb / 8P
300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR133_A ETL-UR133_A Datasheet
407Kb / 8P
300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
Global Mixed-mode Techn...
G9001 GMT-G9001 Datasheet
45Kb / 2P
500mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
UR133 UTC-UR133_18 Datasheet
346Kb / 8P
300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com