Electronic Components Datasheet Search
  English  ▼

X  

GDZ22B Datasheet(PDF) 4 Page - Frontier Electronics.

Part # GDZ22B
Description  500m WATT ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

GDZ22B Datasheet(HTML) 4 Page - Frontier Electronics.

  GDZ22B Datasheet HTML 1Page - Frontier Electronics. GDZ22B Datasheet HTML 2Page - Frontier Electronics. GDZ22B Datasheet HTML 3Page - Frontier Electronics. GDZ22B Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GDZ2.0A THRU GDZ36D
Page: 4
RATINGS AND CHARACTERISTIC CURVES GDZ2.0A THRU GDZ36D
Iz
FIG.2- POWER ,TEMPERATURE DERATING CURVE
500
400
300
200
100
50
100
150
200
300
Ta (
oC)
Ambient Temperature
FIG.1- BREAKDOWN CHARACTERISTICS
mA
50
40
30
20
10
0
5V
10V
15V
20V
25V
30V
Vz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com