Electronic Components Datasheet Search
  English  ▼

X  

SPX2945 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SPX2945
Description  500mA Low Drop Out Voltage Regulator with Shutdown
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2945 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SPX2945 Datasheet HTML 3Page - Sipex Corporation SPX2945 Datasheet HTML 4Page - Sipex Corporation SPX2945 Datasheet HTML 5Page - Sipex Corporation SPX2945 Datasheet HTML 6Page - Sipex Corporation SPX2945 Datasheet HTML 7Page - Sipex Corporation SPX2945 Datasheet HTML 8Page - Sipex Corporation SPX2945 Datasheet HTML 9Page - Sipex Corporation SPX2945 Datasheet HTML 10Page - Sipex Corporation SPX2945 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
Rev. B Date:01/20/04
SPX2945 400mA Low Dropout Voltage Regulator with Shutdown
©Copyright 2004 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
ORDERING INFORMATION
.
o
N
g
n
i
r
e
d
r
Ok
r
a
M
p
o
Ty
c
a
r
u
c
c
Ae
g
a
t
l
o
V
t
u
p
t
u
Os
e
g
a
k
c
a
P
3
.
3
-
3
M
5
4
9
2
X
P
S
3
M
5
4
9
2
W
W
Y
Y
3
3
%
1V
3
.
3
3
2
2
-
T
O
S
n
i
P
-
3
0
.
5
-
3
M
5
4
9
2
X
P
S
3
M
5
4
9
2
W
W
Y
Y
0
5
%
1V
0
.
5
3
2
2
-
T
O
S
n
i
P
-
3
3
.
3
-
S
5
4
9
2
X
P
S
3
3
S
5
4
9
2
W
W
Y
Y
3
3
%
1V
3
.
3
C
I
O
S
n
i
P
-
8
0
.
5
-
S
5
4
9
2
X
P
S
R
5
4
9
2
X
P
S
W
W
Y
Y
0
5
%
1V
0
.
5
C
I
O
S
n
i
P
-
8
3
.
3
-
R
5
4
9
2
X
P
S
R
5
4
9
2
X
P
S
W
W
Y
Y
4
0
5%
1V
3
.
3
2
5
2
-
O
T
n
i
P
-
3
0
.
5
-
R
5
4
9
2
X
P
S
R
5
4
9
2
X
P
S
W
W
Y
Y
%
1V
0
.
5
2
5
2
-
O
T
n
i
P
-
3
3
.
3
-
T
5
4
9
2
X
P
S
T
5
4
9
2
X
P
S
W
W
Y
Y
3
3%
1V
3
.
3
3
6
2
-
O
T
n
i
P
-
3
0
.
5
-
T
5
4
9
2
X
P
S
5
T
5
4
9
2
X
P
S
W
W
Y
Y
0
5
%
1V
0
.
5
3
6
2
-
O
T
n
i
P
-
3
3
.
3
-
5
T
5
4
9
2
X
P
S
5
T
5
4
9
2
X
P
S
W
W
Y
Y
3
3%
1V
3
.
3
3
6
2
-
O
T
n
i
P
-
5
0
.
5
-
5
T
5
4
9
2
X
P
S
T
5
4
9
2
X
P
S
W
W
Y
Y
0
5
%
1V
0
.
5
3
6
2
-
O
T
n
i
P
-
5
3
.
3
-
U
5
4
9
2
X
P
S
U
5
4
9
2
X
P
S
W
W
Y
Y
3
3
%
1V
3
.
3
0
2
2
-
O
T
n
i
P
-
3
0
.
5
-
U
5
4
9
2
X
P
S
U
5
4
9
2
X
P
S
W
W
Y
Y
0
5
%
1V
0
.
50
2
2
-
O
T
n
i
P
-
3
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com