Electronic Components Datasheet Search
  English  ▼

X  

SPX2950 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SPX2950
Description  150mA Low Dropout Voltage Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2950 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SPX2950 Datasheet HTML 4Page - Sipex Corporation SPX2950 Datasheet HTML 5Page - Sipex Corporation SPX2950 Datasheet HTML 6Page - Sipex Corporation SPX2950 Datasheet HTML 7Page - Sipex Corporation SPX2950 Datasheet HTML 8Page - Sipex Corporation SPX2950 Datasheet HTML 9Page - Sipex Corporation SPX2950 Datasheet HTML 10Page - Sipex Corporation SPX2950 Datasheet HTML 11Page - Sipex Corporation SPX2950 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Rev. 3/6/03
SPX2950/SPX2951 150mA Low Dropout Voltage Regulator
©Copyright 2003 Sipex Corporation
PROGRAMMING THE OUTPUT
VOLTAGE OF SPX2951
The SPX2951 may be pin-strapped for 5V using
its internal voltage divider by tying Pin 1 (out-
put) to Pin 2 (sense) and Pin 7 (feedback) to Pin
6 (5V Tap). Also, it may be programmed for any
output voltage between its 1.235V reference
and its 30V maximum rating . As seen in Figure
2, an external pair of resistors is required. Refer
to the below equation for the programming of
the output voltage:
VOUT = VREF × (1 + R1/R2)+ IFBR1
The VREF is 1.235 and IFB is the feedback bias
current, nominally -20nA. The minimum rec-
ommended load current of 1
µA forces an upper
limit of 1.2M
Ω on value of R2. If no load is
presented the IFB produces an error of typically
2% in VOUT which may be eliminated at room
temperature by trimming R1. To improve the
accuracy choose the value of R2 = 100k this
reduces the error by 0.17% and increases the
resistor program current by 12
µA. Since the
SPX2951 typically draws 60
µA at no load with
Pin 2 open-circuited this is a small price to pay.
REDUCING OUTPUT NOISE
It may be an advantage to reduce the AC noise
present at the output. One way is to reduce the
regulator bandwidth by increasing the size of
the output capacitor. This is the only way that
noise can be reduced on the 3 lead SPX2950 but
is relatively inefficient, as increasing the ca-
pacitor from 1
µF to 220µF only decreases the
noise from 430
µV to 160µVRMS for a 100kHz
bandwidth at 5V output. Noise could also be
reduced fourfold by a bypass capacitor across
R1, since it reduces the high frequency gain from
4 to unity. Pick
C
BYPASS ≅ (1 / 2πR1 × 200 Hz)
or choose 0.01
µF. When doing this, the output
capacitor must be increased to 3.3
µF to main-
tain stability. These changes reduce the output
noise from 430
µV to 100µV
RMS for a 100kHz
bandwidth at 5V output. With the bypass ca-
pacitor added, noise no longer scales with out-
put voltage so that improvements are more dra-
matic at higher output voltages.
100K
OUTPUT
ERROR
ERROR
______
SD
V OUT
GND
FB
+VIN
+VIN
1.23V
1.2 to 30V
R1
.01µF
3.3µF
R2
VREF
3
8
5
1
4
7
SHUTDOWN
INPUT
+
SPX2951
Figure 2. Adjustable Regulator
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com