Electronic Components Datasheet Search
  English  ▼

X  

SPX2954 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX2954
Description  250 mA Low Drop Out Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2954 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX2954 Datasheet HTML 1Page - Sipex Corporation SPX2954 Datasheet HTML 2Page - Sipex Corporation SPX2954 Datasheet HTML 3Page - Sipex Corporation SPX2954 Datasheet HTML 4Page - Sipex Corporation SPX2954 Datasheet HTML 5Page - Sipex Corporation SPX2954 Datasheet HTML 6Page - Sipex Corporation SPX2954 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Rev. 3/6/03
SP2954 250mA Low Dropout Voltage Regulator
© Copyright 2003 Sipex Corporation
ELECTRICAL CHARACTERISTICS (Cont.) V
IN=VO+1V, IL=100µA, CL=1µF (
NOTE
2), T
A = 25°C, unless otherwise specified.
NOTE 1: Output or reference voltage temperature coefficients defined as the worst case voltage change divided
by the total temperature range.
NOTE 2: Unless otherwise specified all limits guaranteed for T
J = 25°C, VIN = 6V, IL = 100µA and CL = 1µF.
Additional conditions for the 8-pin versions are feedback tied to 5V tap and output tied to output sense
(V
OUT = 5V) and VSHUTDOWN ≤ 0.8V.
NOTE 3: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle.
Changes in output voltage due to heating effects are covered under the specification for thermal
regulation.
NOTE 4: Line regulation for the SPX2954 is tested at I
L = 1mA.
NOTE 5: Dropout voltage is defined as the input to output differential at which the output voltage drops 100mV
below its nominal value measured at 1V differential. At very low values of programmed output voltage,
the minimum input supply voltage of 2V (2.3V over temperature) must be taken into account.
NOTE 6: V
REF ≤VOUT ≤ (VIN - 1V), 2.3 ≤VIN≤30V, 100µA≤IL≤ 250mA, TJ ≤ TJMAX.
NOTE 7: Comparator thresholds are expressed in terms of a voltage differential at the feedback terminal below
the nominal reference voltage measured at 6V input. To express these thresholds in terms of output
voltage change, multiply by the error amplifier gain = V
OUT/VREF = (R1 + R2)/R2.
For example, at a
programmed output voltage of 5V, the error output is guaranteed to go low when the output drops by 95
mV x 5V/1.235 = 384 mV. Thresholds remain constant as a percent of V
OUT as VOUT is varied, with the
dropout warning occurring at typically 5% below nominal, 7.5% guaranteed.
NOTE 8: V
SHUTDOWN ≥ 2V, VIN ≤ 30V, VOUT =0, Feedback pin tied to 5V/3.3V Tap.
SPX2954A
SPX2954
PARAMETER
CONDITIONS
MIN.
TYP.
MAX
MIN.
TYP. MAX.
UNIT
Error Comparator
Output Leakage Current
VOH = 30V
0.01
1
0.01
1
µA
Output Low Voltage
VIN = VO-0.5V,
IOL = 400µA
150
250
150
250
mV
Upper Threshold Voltage
(NOTE 7)
40
60
40
60
mV
Lower Threshold Voltage
(NOTE 7)
75
95
75
95
mV
Hysteresis
(NOTE 7)
15
15
mV
Shutdown
Input logic Voltage
Low (Regulator ON)
1.3
0.7
1.3
0.7
V
High (Regulator OFF)
2.0
2.0
Shutdown Input Current
VS = 2.4V
30
50
30
50
µA
VS= 30V
400
800
400
800
Regulator Output Current
(NOTE 8)
3
10
3
10
µA
in Shutdown
SPX2954 Block Diagram, 8 Lead 5V Version
INPUT
OUTPUT
UNREGULATED DC
SHUTDOWN
GROUND
ERROR
______
SENSE
TO CMOS OR
TTL
REFERENCE
ERROR DETECTION
COMPARATOR
ERROR
AMPLIFIER
1.23V
FROM
CMOS OR
TTL
+
+
+
+
+
+
60 mV
3
7
8
1
2
6
5
4
60kΩ
330kΩ
180kΩ
.
.
1µF
_
_
FEEDBACK
5V TAP
5V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com