Electronic Components Datasheet Search
  English  ▼

X  

SPX3431 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX3431
Description  Micropower 2.5V Precision Adjustable Shunt Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX3431 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX3431 Datasheet HTML 1Page - Sipex Corporation SPX3431 Datasheet HTML 2Page - Sipex Corporation SPX3431 Datasheet HTML 3Page - Sipex Corporation SPX3431 Datasheet HTML 4Page - Sipex Corporation SPX3431 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. 10/25/00
SPX3431
Micropower 2.5V Precision
Adjustable Shunt Regulator
FEATURES
APPLICATIONS
•
Voltage Tolerance ..................................0.5% & 1.0%
•
Battery Operating Equipment
•
Wide Operating Current .................... 1mA to 100mA
•
Adjustable Supplies
•
Extended Temperature Range .......................... 105
°°°°C
•
Switching Power Supplies
•
Low Temperature Coefficient ........................30 ppm/
°C
•
Error Amplifiers
•
Offered in SOT-23, TO-92 & SOT 89
•
Single Supply Amplifier
•
Low Output Noise
•
Monitors / VCR / TV
•
Personal Computers
PRODUCT DESCRIPTION
The SPX3431 is a 3-terminal Adjustable Shunt Voltage Regulator providing a highly accurate 0.5% bandgap reference. SPX3431 acts
as an open-loop error amplifier with a 2.5V temperature compensation reference. The SPX3431 thermal stability, wide operating
current (100mA) and temperature range (0
°C to 105°C) makes it suitable for all variety of applications that are looking for a low cost
solution with high performance. SPX3431 tolerance of 0.5% is proven to be sufficient to overcome all the other errors in the
system to virtually eliminate the need for trimming in the power supply manufactures assembly line and contribute a big Cost
Savings.
In the standard shunt configuration, the combination of low temperature coefficient (T.C.), sharp turn-on characteristics, low output
impedance and programmable output voltage make this precision reference an excellent error amplifier.
The SPX3431 is a direct replacement for the SPX431 and TL431 in low voltage, low current applications. SPX3431 is also available
in SOT-89 and TO-92.
SOT-89
Marking &
pinout for all
devices
SOT-23
Marking & pinout for
the 0.5% device
SOT-23
Marking & pinout for
the 1% device
Top View
REF
CATHODE
ANODE
Top View
REF
CATHODE
ANODE
Top View
SPX3431
1
CATHODE
2
ANODE
3
REF
REF
Top View
13
2
CATHODE
ANODE
TO-92 (N)
SPX3431
SPX3432
PIN CONNECTIONS


Similar Part No. - SPX3431

ManufacturerPart #DatasheetDescription
logo
StarHope
SPX350F SPSEMI-SPX350F Datasheet
835Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
SPX350F SPSEMI-SPX350F Datasheet
45Kb / 3P
Gas Discharge Tube SPX Series
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
500 mA, Low-Noise LDO Voltage Regulator
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
500mA, Low-Noise LDO Voltage Regulator
SPX3819 SIPEX-SPX3819 Datasheet
377Kb / 13P
500mA, Low-Noise LDO Voltage Regulator
More results

Similar Description - SPX3431

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
B431 ETC1-B431 Datasheet
270Kb / 11P
2.5V Adjustable Shunt Regulator
L431 ETC1-L431 Datasheet
291Kb / 11P
2.5V Low-Voltage Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Gamma Microelectronics ...
GM431 GAMMA-GM431 Datasheet
225Kb / 14P
2.5V ADJUSTABLE SHUNT REGULATOR
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Gamma Microelectronics ...
GM431 GAMMA-GM431_08 Datasheet
202Kb / 11P
2.5V ADJUSTABLE SHUNT REGULATOR
GM431S GAMMA-GM431S Datasheet
543Kb / 11P
2.5V ADJUSTABLE SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com