Electronic Components Datasheet Search
  English  ▼

X  

LSR102 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LSR102
Description  1.0AMP. Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LSR102 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LSR102 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LSR102 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
MELF
Features
Surge overload ratings to 40 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive
product
Terminal : Pure tin plated, lead free
Mounting position: Any
Weight: 0.12 gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol LSR102 LSR103 LSR104 LSR105 LSR106
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@1.0A
VF
0.55
0.70
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
1.0
10
mA
mA
Typical Junction Capacitance ( Note )
Cj
110
80
pF
Typical Thermal Resistance
RθJA
15
oC/W
Operating Temperature Range
TJ
- 65 to + 125
- 65 to + 150
oC
Storage Temperature Range
TSTG
- 65 to + 150
oC
Note: Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
LSR102-LSR106
1.0AMP. Surface Mount Schottky Barrier Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - LSR102

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LSR102 TSC-LSR102 Datasheet
62Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
LSR102 TSC-LSR102 Datasheet
269Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
LSR102 TSC-LSR102 Datasheet
420Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
LSR102 TSC-LSR102 Datasheet
207Kb / 4P
Surface Mount Schottky Barrier Rectifiers
LSR102-J0L0 TSC-LSR102-J0L0 Datasheet
207Kb / 4P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - LSR102

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL5817 TSC-LL5817_1 Datasheet
273Kb / 2P
1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SK12AL SECOS-SK12AL Datasheet
604Kb / 2P
1.0AMP Surface Mount Schottky Barrier Rectifiers
SK12BL SECOS-SK12BL Datasheet
880Kb / 2P
1.0AMP Surface Mount Schottky Barrier Rectifiers
SK12L SECOS-SK12L Datasheet
369Kb / 4P
1.0AMP Surface Mount Schottky Barrier Rectifiers
SM120B SECOS-SM120B Datasheet
155Kb / 2P
1.0AMP Surface Mount Schottky Barrier Rectifiers
SM120S SECOS-SM120S Datasheet
119Kb / 2P
1.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
LL5817 TSC-LL5817_10 Datasheet
433Kb / 2P
1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LL5817 LUGUANG-LL5817 Datasheet
233Kb / 2P
1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SK12L SECOS-SK12L_15 Datasheet
156Kb / 4P
1.0AMP Surface Mount Schottky Barrier Rectifiers
SM120B SECOS-SM120B_15 Datasheet
156Kb / 2P
1.0AMP Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com