Electronic Components Datasheet Search
  English  ▼

X  

SPX4040 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SPX4040
Description  Precision Micropower 2.5V Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX4040 Datasheet(HTML) 8 Page - Sipex Corporation

  SPX4040 Datasheet HTML 1Page - Sipex Corporation SPX4040 Datasheet HTML 2Page - Sipex Corporation SPX4040 Datasheet HTML 3Page - Sipex Corporation SPX4040 Datasheet HTML 4Page - Sipex Corporation SPX4040 Datasheet HTML 5Page - Sipex Corporation SPX4040 Datasheet HTML 6Page - Sipex Corporation SPX4040 Datasheet HTML 7Page - Sipex Corporation SPX4040 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Rev. 10/25/00
SPX4040
ORDERING INFORMATION
Ordering No.
Temp Coef
Output Accuracy
Reverse Breakdown Voltage Packages
SPX4040A2N-2.5
100ppm
1%
2.5V
3 Lead TO-92
SPX4040A2N-5.0
100ppm
1%
5.0V
3 Lead TO-92
SPX4040B2N-2.5
150ppm
1%
2.5V
3 Lead TO-92
SPX4040B2N-5.0
150ppm
1%
5.0V
3 Lead TO-92
SPX4040A3N-2.5
100ppm
2%
2.5V
3 Lead TO-92
SPX4040A3N-5.0
100ppm
2%
5.0V
3 Lead TO-92
SPX4040B3N-2.5
150ppm
2%
2.5V
3 Lead TO-92
SPX4040B3N-5.0
150ppm
2%
5.0V
3 Lead TO-92
SPX4040A2S-2.5
100ppm
1%
2.5V
8 Lead SOIC
SPX4040A2S-5.0
100ppm
1%
5.0V
8 Lead SOIC
SPX4040B2S-2.5
150ppm
1%
2.5V
8 Lead SOIC
SPX4040B2S-5.0
150ppm
1%
5.0V
8 Lead SOIC
SPX4040A3S-2.5
100ppm
2%
2.5V
8 Lead SOIC
SPX4040A3S-5.0
100ppm
2%
5.0V
8 Lead SOIC
SPX4040B3S-2.5
150ppm
2%
2.5V
8 Lead SOIC
SPX4040B3S-5.0
150ppm
2%
5.0V
8 Lead SOIC
SPX4040A2M-2.5
100ppm
1%
2.5V
3 Lead SOT-23
SPX4040A2M-5.0
100ppm
1%
5.0V
3 Lead SOT-23
SPX4040B2M-2.5
150ppm
1%
2.5V
3 Lead SOT-23
SPX4040B2M-5.0
150ppm
1%
5.0V
3 Lead SOT-23
SPX4040A3M-2.5
100ppm
2%
2.5V
3 Lead SOT-23
SPX4040A3M-5.0
100ppm
2%
5.0V
3 Lead SOT-23
SPX4040B3M-2.5
150ppm
2%
2.5V
3 Lead SOT-23
SPX4040B3M-5.0
150ppm
2%
5.0V
3 Lead SOT-23
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation
Headquarters and Main Offices:
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 935-7600
FAX: (408) 934-7500
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described
hereing; neither does it convey any license under its patent rights nor the rights of others.
Corporation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com