Electronic Components Datasheet Search
  English  ▼

X  

SPX4041 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX4041
Description  Precision Micropower 1.24V Shunt Voltage Reference
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX4041 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX4041 Datasheet HTML 1Page - Sipex Corporation SPX4041 Datasheet HTML 2Page - Sipex Corporation SPX4041 Datasheet HTML 3Page - Sipex Corporation SPX4041 Datasheet HTML 4Page - Sipex Corporation SPX4041 Datasheet HTML 5Page - Sipex Corporation SPX4041 Datasheet HTML 6Page - Sipex Corporation SPX4041 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev. 10/25/00
Precision Micropower 1.24V Shunt Voltage Reference
FEATURES
APPLICATIONS
• Low temperature coefficient 50 ppm/°C
• Constant Current Source
• Operating current range 100µA to 15 mA
• Digital Voltmeter
• Low power, 250 mW @ IIN =100 mA
• Power Supply Monitor
• Two terminal "Zener" operation
• Precision Regulators
• Small package: SOT - 23, TO-92, and SO-8
• Battery-Powered Equipment
• Fixed reverse breakdown voltage 2.5 Volt
• Instrumentation
• No output capacitance required
• Automotive Electronics
• Output voltage tolerance ± 0.5%
• Data Acquisition Systems
• Energy Management
PRODUCT DESCRIPTION
The SPX4041 is a two-terminal, temperature compensated, band-gap voltage reference, which provides a fixed 1.24V output for input
currents between 500
µA to 5mA. The bandgap voltage (1.24V) is independently laser trimmed from the output voltage to achieve a
very low tempco, then the output voltage is laser trimmed to 1.24 volts. This trimming technique and the low tempco (A grade 50
ppm/
°C) thin film resistor process gives a very stable device over the full temperature range. The SPX4041 is available in the sub-
miniature (3mm
× 1.3mm) SOT-23, SO-8 surface mount package, or TO-92 package. The operating temperature is -40°C to 85°C.
The SPX4041 advanced design eliminates the need for an external stabilized capacitor while insuring stability with any capacitive
load, making them easy to use.
PIN CONNECTIONS
Top View
2
1
3
4
8
7
6
5
8-Pin Surface Mount (S)
SOT-23-3 (M)
Top View
2
3
+
-
1
Bottom View
TO-92 (N)
1
3
2
N/C
N/C
N/C
-
N/C
N/C
N/C
+
SPX4041


Similar Part No. - SPX4041

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX4041 SIPEX-SPX4041 Datasheet
115Kb / 9P
Precision 1.24V Shunt Voltage Reference
SPX4041AM SIPEX-SPX4041AM Datasheet
115Kb / 9P
Precision 1.24V Shunt Voltage Reference
SPX4041AM/TR SIPEX-SPX4041AM/TR Datasheet
115Kb / 9P
Precision 1.24V Shunt Voltage Reference
SPX4041AN SIPEX-SPX4041AN Datasheet
115Kb / 9P
Precision 1.24V Shunt Voltage Reference
SPX4041AN/TR SIPEX-SPX4041AN/TR Datasheet
115Kb / 9P
Precision 1.24V Shunt Voltage Reference
More results

Similar Description - SPX4041

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
List of Unclassifed Man...
AS432 ETC1-AS432 Datasheet
37Kb / 7P
1.24V Precision Adjustable Shunt Reference
logo
Texas Instruments
LM4040 TI-LM4040 Datasheet
482Kb / 43P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
Sipex Corporation
SPX4041 SIPEX-SPX4041_04 Datasheet
115Kb / 9P
Precision 1.24V Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com