Electronic Components Datasheet Search
  English  ▼

X  

SFS2A Datasheet(PDF) 1 Page - Frontier Electronics.

Part # SFS2A
Description  2A SUPER FAST RECOVERY SURFACE MOUNT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SFS2A Datasheet(HTML) 1 Page - Frontier Electronics.

  SFS2A Datasheet HTML 1Page - Frontier Electronics. SFS2A Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SFS2A THRU SFS2J
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
2A SUPER FAST RECOVERY SURFACE MOUNT RECTIFIER
SFS2A THRU SFS2J
FEATURES
LOW PROFILE PACKAGE
PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
94V-0
IDEAL FOR SURFACE MOUNTED APPLICATION
GLASS PASSIVATED CHIP JUNCTION
BUILT-IN STRAIN RELIEF DESIGN
SUPER FAST RECOVERY TIME FOR HIGH EFFICIENT
HIGH TEMPERATURE SOLDERING : 250°C/10 SECONDS AT
TERMINAL
MECHANICAL DATA
CASE: JEDEC DO-214AA MOLDED PLASTIC BODY, DIMENSIONS
INCHES AND (MILLIMETERS)
TERMINAL: SOLDER PLATED, SOLDERABLE PER MIL-STD-
750 METHOD 2026
POLARITY: COLOR BAND DENOTES CATHODE
WEIGHT: 0.093 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD.
FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL SFS2A
SFS2B
SFS2D
SFS2E
SFS2G
SFS2G
SFS2J
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
300
400
500
600
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
210
280
350
420
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
300
400
500
600
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
AT TL=90°C
IO
2.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
50
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
25
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
RθjL
20
°C /W
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
°C
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
°C
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
SFS2A
SFS2B
SFS2D
SFS2E
SFS2G
SFS2H
SFS2J
UNITS
MAXIMUM FORWARD VOLTAGE AT IO DC
VF
0.95
1.25
1.85
V
MAXIMUM REVERSE CURRENT AT 25
°C
IR
10
μA
MAXIMUM REVERSE CURRENT AT 100
°C
IR
100
μA
MAXIMUM REVERSE RECOVERY TIME (NOTE3)
TRR
35
nS
MARKING
SF2A
SF2B
SF2D
SF2E
SF2G
SF2H
SF2J
NOTE
: 1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. THERMAL RESISTANCE FROM JUNCTION TO AMBIENT AND JUNCTION TO LEAD P.C.B. MOUNTED ON
0.3×0.3”(8.0×8.0mm) COPPER PAD AREAS
3. REVERSE RECOVERY TEST CONDITIONS: I
F=0.5A, IR=1.0A, IRR=0.25A
.060(1.52)
.030(0.76)
.220(5.59)
.205(5.21)
.096(2.44)
.084(2.13)
.180(4.57)
.160(4.06)
.155(3.94)
.130(3.30)
.086(2.20)
.077(1.96)
CATHODE


Similar Part No. - SFS2A

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SFS2A-LFR FRONTIER-SFS2A-LFR Datasheet
129Kb / 2P
2A SUPER FAST RECOVERY SURFACE MOUNT RECTIFIER
More results

Similar Description - SFS2A

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
MURS205 FRONTIER-MURS205 Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
MURS205-LFR FRONTIER-MURS205-LFR Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
RS2A-LFR FRONTIER-RS2A-LFR Datasheet
127Kb / 2P
2A FAST RECOVERY SURFACE MOUNT RECTIFIER
SF20-005 FRONTIER-SF20-005 Datasheet
128Kb / 2P
2A SUPER FAST RECOVERY RECTIFIER
SF20-005-LFR FRONTIER-SF20-005-LFR Datasheet
128Kb / 2P
2A SUPER FAST RECOVERY RECTIFIER
SFS2A-LFR FRONTIER-SFS2A-LFR Datasheet
129Kb / 2P
2A SUPER FAST RECOVERY SURFACE MOUNT RECTIFIER
US2A FRONTIER-US2A Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
US2A-LFR FRONTIER-US2A-LFR Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
FutureWafer Tech Co.,Lt...
ES2D FUTUREWAFER-ES2D Datasheet
822Kb / 6P
2A Surface Mount Super Fast Rectifier
ES2DB FUTUREWAFER-ES2DB Datasheet
822Kb / 6P
2A Surface Mount Super Fast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com