Electronic Components Datasheet Search
  English  ▼

X  

MBR830 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MBR830
Description  Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MBR830 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MBR830 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MBR830 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
20
40
60
80
100
0.01
0.1
1
10
0.001
40
MBR830-MBR860
MBR880-MBR8100
T
C
=125
TC=25
TC=125℃
0.01
50
0.1
1
10
0
Pulse width=300
s
1% Duty Cycle
TC=25℃
MBR830-MBR845
MBR850-MBR860
.1 .2
.3 .4
.5 .6
.7
.8 .9
1.0 1.1 1.2
MBR880-MBR8100
25
150
1
10
100
125
100
75
50
175
TJ=TJmax.
8.3ms Single Half Sine Wave
(JEDEC Method)
10
8
6
4
2
0
0
50
100
150
Resistive or inductive Load
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD
11111v
CHARACTERISTIC PERLEG
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
CASE TEMPERATURE
PERCENT OF RATED PEAK REVERSE VOLTAGE,
FIG.1 -- FORWARD CURRENT DERATING CURVE
FIG.2 -- MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT PERLEG
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
MBR830-MBR8100
Schottky Barrier Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com