Electronic Components Datasheet Search
  English  ▼

X  

SPX432M Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX432M
Description  Ultra 1.24V Precision Adjustable Shunt Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX432M Datasheet(HTML) 4 Page - Sipex Corporation

  SPX432M Datasheet HTML 1Page - Sipex Corporation SPX432M Datasheet HTML 2Page - Sipex Corporation SPX432M Datasheet HTML 3Page - Sipex Corporation SPX432M Datasheet HTML 4Page - Sipex Corporation SPX432M Datasheet HTML 5Page - Sipex Corporation SPX432M Datasheet HTML 6Page - Sipex Corporation SPX432M Datasheet HTML 7Page - Sipex Corporation SPX432M Datasheet HTML 8Page - Sipex Corporation SPX432M Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Rev. 11/21/00
SPX432
TYPICAL APPLICATIONS
INTEL
I 740
+3.3V
470µF
0.1µF
PHD 3055E
2.7V
+12V
0.1µF
AS432
120
Ω
140
Ω
500Ω
0.1µF
1000µF
0.1µF
*If the output voltage has noise, then please add a 0.1
µF in between drain and gate of power
MOSFET to reduce the noise.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com