Electronic Components Datasheet Search
  English  ▼

X  

MBRF760 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MBRF760
Description  Isolated 7.5AMP. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MBRF760 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MBRF760 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MBRF760 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
ITO-220AC
.071(1.8)
MAX
.161(4.1)
.146(3.7)
.118(3.00)
.124(3.16)
.185(4.7)
.173(4.4)
.272(6.9)
.248(6.3)
.063(1.6)
MAX
.100(2.55)
.543(13.8)
.512(13.2)
.100(2.55)
.110(2.8)
.098(2.5)
.606(15.5)
.583(14.8)
.112(2.85)
.100(2.55)
.406(10.3)
.390(9.90)
.134(3.4)DIA
.113(3.0)DIA
.043(1.1)
.020(0.5)
.035(0.9)
.055(1.4)
.030(0.76)
.020(0.50)
2
PIN 1
PIN 2
Case Positive
CASE
Features
Plastic material used carries Underwriters
Laboratory Classifications 94V-0
Metal silicon rectifier, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Guardring for overvoltage protection
High temperature soldering guaranteed:
260
oC/10 seconds,0.25”(6.35mm)from case
Mechanical Data
Cases: ITO-220AC molded plastic body
Polarity: As marked
Mounting position: Any
Mounting torque: 5 in. - lbs. max
Weight: 0.08 ounce, 2.24 grams
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol MBRF
735
MBRF
745
MBRF
750
MBRF
760
MBRF
790
MBRF
7100
MBRF
7150
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
35
45
50
60
90
100
150
V
Maximum RMS Voltage
VRMS
24
31
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
35
45
50
60
90
100
150
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
7.5
A
Peak Repetitive Forward Current (Square Wave, 20KHz) at
Tc=105oC
IFRM
15.0
A
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method )
IFSM
150
A
Peak Repetitive Reverse Surge Current (Note 1)
IRRM
1.0
0.5
A
Maximum Instantaneous Forward Voltage at (Note 2)
IF=7.5A,Tc=25
oC
IF=7.5A,Tc=125
oC
IF=15A,Tc=25
oC
IF=15A,Tc=125
oC
VF
-
0.57
0.84
0.72
0.75
0.65
-
-
0.92
0.82
-
-
1.02
0.92
-
-
V
Maximum Instantaneous Reverse Current @ Tc =25 oC
at Rated DC Blocking Voltage (Note 1)
@ Tc=125 oC
IR
0.1
15
0.1
10
0.1
5.0
mA
mA
Voltage Rate of Change (Rated VR)
dV/dt
10,000
V/uS
Typical Junction Capacitance
Cj
350
280
200
pF
Maximum Thermal Resistance, (Note 3)
RθJC
7.0
oC/W
Operating Junction Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +175
oC
Notes:
1. 2.0us Pulse Width, f=1.0 KHz
2. Pulse Test: 300us Pulse Width, 1% Duty Cycle
3. Mounted on Heatsink Size of 2 in x 3 in x 0.25in Al-plate.
MBRF735-MBRF7150
Isolated 7.5AMP. Schottky Barrier Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - MBRF760

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRF760 VISHAY-MBRF760 Datasheet
64Kb / 3P
Schottky Barrier Rectifier
03-Mar-03
logo
General Semiconductor
MBRF760 GE-MBRF760 Datasheet
117Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
MBRF760 TSC-MBRF760 Datasheet
86Kb / 2P
Isolation 7.5 AMPS. Schottky Barrier Rectifiers
MBRF760 TSC-MBRF760 Datasheet
192Kb / 2P
Isolated 7.5 AMPS. Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRF760 VISHAY-MBRF760 Datasheet
493Kb / 5P
Schottky Barrier Rectifier
08-Nov-07
More results

Similar Description - MBRF760

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MBR720 CHENYI-MBR720 Datasheet
72Kb / 2P
7.5Amp schottky barrier rectifier 20to60volts
logo
Taiwan Semiconductor Co...
MBRF16H45 TSC-MBRF16H45_14 Datasheet
209Kb / 4P
Isolated Schottky Barrier Rectifiers
MBRF735 TSC-MBRF735_14 Datasheet
226Kb / 4P
Isolated Schottky Barrier Rectifiers
MBRF1035 TSC-MBRF1035_14 Datasheet
226Kb / 4P
Isolated Schottky Barrier Rectifiers
MBRF1635 TSC-MBRF1635_14 Datasheet
220Kb / 4P
Isolated Schottky Barrier Rectifiers
MBRF2035 TSC-MBRF2035_14 Datasheet
218Kb / 4P
Isolated Schottky Barrier Rectifiers
SRAF520 TSC-SRAF520_14 Datasheet
250Kb / 4P
Isolated Schottky Barrier Rectifiers
SRAF820 TSC-SRAF820_14 Datasheet
218Kb / 4P
Isolated Schottky Barrier Rectifiers
SRAF1020 TSC-SRAF1020_14 Datasheet
215Kb / 4P
Isolated Schottky Barrier Rectifiers
SRAF1620 TSC-SRAF1620_14 Datasheet
215Kb / 4P
Isolated Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com