Electronic Components Datasheet Search
  English  ▼

X  

SS28 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # SS28
Description  2A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SS28 Datasheet(HTML) 2 Page - Frontier Electronics.

  SS28 Datasheet HTML 1Page - Frontier Electronics. SS28 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SS22 THRU SS210
Page: 2
RATINGS AND CHARACTERISTIC CURVE SS22 THRU SS210
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
FIG. 5 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
50
40
30
20
10
0
1
2
4
10
20
40
100
NUMBER OF CYCLES AT 60HZ
8.3ms Single Half
Sine-Wave
(JEDEC Method)
FIG. 1 - FORWARD CURRENT
DERATING CURVE
2.0
1.0
0
0
20
40 60 80 100 120 140 160 180 200
SINGLE PHASE HALF
WAVE 60HZ
RESISTIVE OR
INDUCTIVE LOAD
LEAD TEMPERATURE (
℃)
P.C.B MOUNTED ON
0.3×0.3”(8.0×8.0mm)
COPPER PAD AREAS
TJ=25
℃
PULSE WIDTH=300us
1% DUTY CYCLE
FIG.2 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
20
10
1.0
0.1
.1 .3 .5 .7 .9 1.1 1.3 1.5 1.7 1.9 2.1
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
SS22~SS24
SS25~SS26
SS27~SS210
FIG. 3 - TYPICAL REVERSE
CHARACTERISTICS
100
10
1.0
.10
.01
.001
0
20
40
60
80
100
120
140
TA=75
℃
TJ=25
℃
TA=125
℃
SS27~SS210
SS25~SS26
SS22~SS24
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
400
200
100
80
60
40
20
10
0.1
0.4
1.0
4
10
40 80100
REVERSE VOLTAGE, VOLTS
TJ=25
℃
SS22~SS24
SS25~SS26
SS27~SS210



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com