Electronic Components Datasheet Search
  English  ▼

X  

SL2411 Datasheet(PDF) 3 Page - System Logic Semiconductor

Part # SL2411
Description  Tone Ringer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL2411 Datasheet(HTML) 3 Page - System Logic Semiconductor

  SL2411 Datasheet HTML 1Page - System Logic Semiconductor SL2411 Datasheet HTML 2Page - System Logic Semiconductor SL2411 Datasheet HTML 3Page - System Logic Semiconductor SL2411 Datasheet HTML 4Page - System Logic Semiconductor SL2411 Datasheet HTML 5Page - System Logic Semiconductor SL2411 Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SL2411
System Logic
Semiconductor
SLS
ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND, T
A = -45 to +65
°C)
Guaranteed Limits
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VSI
Initiation Supply Voltage
(1)
See Figure 1
16.8
21.2
V
ISI
Initiation Supply Current
(1)
1.4
4.2
mA
VSUS
Sustaining Voltage (2)
See Figure 1
9.5
12.2
V
ISUS
Sustaining Current (2)
No Load VCC=VSUS
See Figure 1
0.7
2.5
mA
VOH
High-Level Output
Voltage
VCC=21V, IOH=-15mA, Pin
6=6V, Pin 7=GND
16.7
21.0
V
VOL
Low-Level Output
Voltage
VCC=21V, IOL=15mA, Pin
6=GND, Pin 7=6V
-
1.8
V
IIN
Maximun Input Leakage
Current
(Pin 3)
Pin 3=6V,Pin 4=GND,
VCC=21V
-
1.0
µA
(Pin 7)
Pin 7=6V,Pin 6=GND,
VCC=21V
-
1.0
µA
fH1
High Frequency 1
R3=191K
Ω,C
3=6800pF
461
563
Hz
fH2
High Frequency 2
R3=191K
Ω,C
3=6800pF
576
704
Hz
fL
Low Frequency
R2=165K
Ω,C
2=0.47
µF
9.0
11.0
Hz
Notes:
1. Initiation supply voltage (VSI) is the supply voltage required to start the tone ringer oscillating.
2. Sustaining voltage (VSUS) is the supply voltage required to maintain oscillation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com