Electronic Components Datasheet Search
  English  ▼

X  

SL2418 Datasheet(PDF) 3 Page - System Logic Semiconductor

Part # SL2418
Description  Telephone Tone Ringer with Bridge Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL2418 Datasheet(HTML) 3 Page - System Logic Semiconductor

  SL2418 Datasheet HTML 1Page - System Logic Semiconductor SL2418 Datasheet HTML 2Page - System Logic Semiconductor SL2418 Datasheet HTML 3Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SL2418
System Logic
Semiconductor
SLS
AC CHARACTERISTICS
Symbol
Parameter
Test Conditions
Guaranteed Limits
Unit
Min
Typ
Max
fH1
fH2
Output Frequencies
fH1
fH2
VCC = 26 V, R1 = 14 K
Ω
VCC = 0 V
VCC = 6 V
2300
1700
Hz
Hz
fH1 Range
R1 = 27 K
Ω to 1.7 KΩ
0.1
15
KHz
fL
Sweep Frequency
R1 = 14 K
Ω, C
1 = 100 nF
10
Hz
TEST AND APPLICATION CIRCUIT
f1 = 3.22
•104 / R
1 (K
Ω); f
2 = 5/7 f1; fsweep = 1000 / C1(nF)
DESCRIPTION
The SL2418 tone ringer derives its power supply by rectifying the AC ringing signal. It uses this power to
activate two tone generators. The two tone frequencies generated are switched by internal oscillator in a fast
sequence and made audible across an output amplifier in the loudspeaker; both tone frequencies and the
switching frequency can be externally adjusted.
The device can drive either directly a piezo ceramic converter (buzzer) or small loudspeaker. In case of using
a loud-speaker, a transformer is needed.
An internal shunt voltage regulator provides DC voltage to the output stage, low frequency oscillator, and
high frequency oscillator. To protect the IC from telephone line transients, a zener Diode is included.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com