| Electronic Components Datasheet Search |
|
SL3010 Datasheet(PDF) 4 Page - System Logic Semiconductor |
|
|
|||||||||||||||||||||||||||||
SL3010 Datasheet(HTML) 4 Page - System Logic Semiconductor |
|
4 / 8 page ![]() SL3010 System Logic Semiconductor SLS Table 1 Command matrix (X-DR) (Continued) Code X-lines DR-lines Command bits no. 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 5 4 3 2 1 0 49 x x 1 1 0 0 0 1 50 x x 1 1 0 0 1 0 51 x x 1 1 0 0 1 1 52 x x 1 1 0 1 0 0 53 x x 1 1 0 1 0 1 54 x x 1 1 0 1 1 0 55 x x 1 1 0 1 1 1 56 x x 1 1 1 0 0 0 57 x x 1 1 1 0 0 1 58 x x 1 1 1 0 1 0 59 x x 1 1 1 0 1 1 60 x x 1 1 1 1 0 0 61 x x 1 1 1 1 0 1 62 x x 1 1 1 1 1 0 63 x x 1 1 1 1 1 1 Table 2 System matrix (Z-DR) Code X-lines DR-lines System bits no. 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 4 3 2 1 0 0 x x 0 0 0 0 0 1 x x 0 0 0 0 1 2 x x 0 0 0 1 0 3 x x 0 0 0 1 1 4 x x 0 0 1 0 0 5 x x 0 0 1 0 1 6 x x 0 0 1 1 0 7 x x 0 0 1 1 1 8 x x 0 1 0 0 0 9 x x 0 1 0 0 1 10 x x 0 1 0 1 0 11 x x 0 1 0 1 1 12 x x 0 1 1 0 0 13 x x 0 1 1 0 1 14 x x 0 1 1 1 0 15 x x 0 1 1 1 1 16 x x 1 0 0 0 0 17 x x 1 0 0 0 1 18 x x 1 0 0 1 0 19 x x 1 0 0 1 1 20 x x 1 0 1 0 0 21 x x 1 0 1 0 1 22 x x 1 0 1 1 0 23 x x 1 0 1 1 1 24 x x 1 1 0 0 0 25 x x 1 1 0 0 1 26 x x 1 1 0 1 0 27 x x 1 1 0 1 1 28 x x 1 1 1 0 0 29 x x 1 1 1 0 1 30 x x 1 1 1 1 0 31 x x 1 1 1 1 1 |