Electronic Components Datasheet Search
  English  ▼

X  

SL311 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL311
Description  High Performance Voltage Comparators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL311 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL311 Datasheet HTML 1Page - System Logic Semiconductor SL311 Datasheet HTML 2Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SL311
System Logic
Semiconductor
SLS
High Performance Voltage Comparators
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC +
V
EE
Total Supply Voltage
36
V
VO - VEE
Output to Negative Supply Voltage
40
V
VEE
Ground to Negative Supply Voltage
30
V
VID
Input Differential Voltage
± 30
V
VIN
Input Voltage (Note)
± 15
V
-
Voltage at Strobe Pin
VCC to VCC - 5
V
PD
1/
θ
JA
Power Dissipation and Thermal Characteristics
Plastic Dual In-Line Packages
Derate above TA =+25
°C
625
5.0
mW
mW/
°C
TJ(max)
Operating Junction Temperature
+150
°C
Tstg
Storage Temperature Range
-60 to +150
°C
Note: This rating applies for
±15 volt supplies. The positive input voltage limit is 30 volts above the negative
supply. The negative input voltage limit is equal to the negative supply voltage or 30 volts below the
positive supply, whichever is less.
ORDERING INFORMATION
SL311N Plastic
SL311D SOIC
TA = -45
°C to 85°C for
all packages
LOGIC DIAGRAM
Input polarity is reversed when GND pin is used as an output.
PIN ASSIGNMENT


Similar Part No. - SL311

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SL310 YANGJIE-SL310 Datasheet
151Kb / 2P
Schottky Rectifier
SL310 YANGJIE-SL310 Datasheet
152Kb / 2P
Schottky Rectifier
logo
Galaxy Semi-Conductor H...
SL310 BILIN-SL310 Datasheet
547Kb / 4P
Schottky Barrier Rectifiers
logo
DAESAN ELECTRONIC CORP.
SL310 DAESAN-SL310 Datasheet
495Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
RFE international
SL310 RFE-SL310 Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
11-04-2022
More results

Similar Description - SL311

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM311 ONSEMI-LM311 Datasheet
174Kb / 8P
HIGH PERFORMANCE VOLTAGE COMPARATORS
1996 Rev 5
logo
Maxim Integrated Produc...
MAX900 MAXIM-MAX900 Datasheet
162Kb / 12P
High-Speed, Low-Power Voltage Comparators
Rev. 4; 7/01
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_06 Datasheet
128Kb / 19P
Low Voltage Comparators
August, 2006 ??Rev. 8
logo
KODENSHI_AUK CORP.
KK311 KODENSHI-KK311 Datasheet
136Kb / 3P
High Performance Voltage Comparators
logo
IK Semicon Co., Ltd
IL311 IKSEMICON-IL311 Datasheet
131Kb / 3P
High Performance Voltage Comparators
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_10 Datasheet
161Kb / 17P
Low Voltage Comparators
August, 2010 ??Rev. 10
logo
Tiger Electronic Co.,Lt...
LM311D TGS-LM311D Datasheet
33Kb / 2P
High Performance Voltage Comparators
logo
IK Semicon Co., Ltd
IL311 IKSEMICON-IL311_11 Datasheet
120Kb / 3P
High Performance Voltage Comparators
logo
ON Semiconductor
NCS2200AGEVB ONSEMI-NCS2200AGEVB Datasheet
140Kb / 18P
Low Voltage Comparators
April, 2015 ??Rev. 18
logo
First Silicon Co., Ltd
FA339P FS-FA339P Datasheet
333Kb / 4P
QUAD VOLTAGE COMPARATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com