Electronic Components Datasheet Search
  English  ▼

X  

SS56 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # SS56
Description  5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SS56 Datasheet(HTML) 1 Page - Frontier Electronics.

  SS56 Datasheet HTML 1Page - Frontier Electronics. SS56 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS52 THRU SS510
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS52 THRU SS510
FEATURES
FOR SURFACE MOUNTED APPLICATIONS
LOW PROFILE PACKAGE
BUILT-IN STRAIN RELIEF
EASY PICK AND PLACE
PLASTIC MATERIAL USED CARRIES UNDERWRITERS
LABORATORY CLASSIFICATION 94 V-0
EXTREMELY LOW VF
MAJORITY CARRIER CONDUCTION
HIGH TEMPERATURE SOLDERING: 250°C/10 SECONDS
AT TERMINALS
MECHANICAL DATA
CASE: MOLDED PLASTIC, DO-214AB (SMC), DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINALS: SOLDER PLATED
POLARITY INDICATED BY CATHODE BAND
WEIGHT 0.21 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
SS52
SS53
SS54
SS55
SS56
SS58
SS510
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
20
30
40
50
60
80
100
V
MAXIMUM RMS VOLTAGE
VRMS
14
21
28
35
42
56
70
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
20
30
40
50
60
80
100
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
SEE FIG.1
IO
5.0
A
MAXIMUM OVERLOAD SURGE 8.3ms SINGLE HALF SINE-WAVE
IFSM
150
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
300
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
RθjL
17
℃/W
TYPICAL THERMAL RESISTANCE (NOTE 2)
RθjA
55
℃/W
STORAGE TEMPERATURE RANGE
TSTG
-55 TO + 150
℃
OPERATING TEMPERATURE RANGE
TOP
-55 TO + 125
℃
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
SS52
SS53
SS54
SS55
SS56
SS58
SS510
UNITS
MAXIMUM FORWARD VOLTAGE AT 5.0A AND 25
℃
VF
0.55
0.70
0.85
V
MAXIMUM REVERSE CURRENT AT 25
℃
IR
1
mA
NOTE:
1. MEASURED AT 1.0 MHZ AND APPLIED REVERSE VOLTAGE OF 4.0 V
2. P.C.B. MOUNTED 0.55”x0.55 “(14x14 mm ) 0.013mm THICK COPPER PAD AREAS
3. SMA PACKAGE SUFFIX “ A” , SMB PACKAGE SUFFIX “B”, SMC NO SUFFIX
.060(1.52)
.030(0.76)
.320(8.13)
.305(7.75)
.103(2.62)
.079(2.06)
.280(7.11)
.260(6.60)
.245(6.22)
.220(5.59)
.126(3.20)
.114(2.90)
CATHODE


Similar Part No. - SS56

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SS56 JINANJINGHENG-SS56 Datasheet
79Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SS56 YANGJIE-SS56 Datasheet
156Kb / 2P
Schottky Rectifier
logo
Shenzhen Luguang Electr...
SS56 LUGUANG-SS56 Datasheet
257Kb / 2P
Surface Mount Schottky Barrier Rectifiers
SS56 LUGUANG-SS56 Datasheet
395Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SS56 TAYCHIPST-SS56 Datasheet
9Mb / 2P
SURFACE MOUNT S CHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS56

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SK52 FRONTIER-SK52 Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK52-LFR FRONTIER-SK52-LFR Datasheet
125Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS52B FRONTIER-SS52B Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS52B-LFR FRONTIER-SS52B-LFR Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS52-LFR FRONTIER-SS52-LFR Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SK52A CITC-SK52A Datasheet
460Kb / 3P
5A Surface Mount Schottky Barrier Rectifiers
SK52AS CITC-SK52AS Datasheet
459Kb / 3P
5A Surface Mount Schottky Barrier Rectifiers
SK52B CITC-SK52B Datasheet
460Kb / 3P
5A Surface Mount Schottky Barrier Rectifiers
SK52C CITC-SK52C Datasheet
471Kb / 3P
5A Surface Mount Schottky Barrier Rectifiers
SK54MAFG CITC-SK54MAFG Datasheet
505Kb / 4P
5A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com