Electronic Components Datasheet Search
  English  ▼

X  

SS84 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # SS84
Description  8A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SS84 Datasheet(HTML) 2 Page - Frontier Electronics.

  SS84 Datasheet HTML 1Page - Frontier Electronics. SS84 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SS82 THRU SS86
Page: 2
RATINGS AND CHARACTERISTIC CURVES SS82 THRU SS86
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
100
10
1
0.1
0.01
0.1
1
10
100
t. PULSE DURATION, sec.
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
1.000
100
10
0.1
1
10
100
REVERSE VOLTAGE, VOLTS
SS82-SS84
SS85-SS86
TJ=25℃
f=1.0 MHZ
Vsig=50mVp-p
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
50
10
1
1.0
0.01
0
0.2
0.4
0.6 0.8
1.0
1.2 1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
PULSE WIDTH=300us
1% DUTY CYCLE
TJ=125℃
TJ=25℃
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
10
1
0.1
0.01
0.001
0
20
40
60
80
100
120 140
PERCENT OF RATED PEAK REVERSE
VOLTAGE,%
TJ=125℃
TJ=75℃
TJ=25℃
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
160
140
120
100
80
60
40
1
10
100
NUMBER OF CYCLES AT 60HZ
TJ=Tjmax.
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
FIG. 1 - FORWARD CURRENT DERATING CURVE
8.0
6.0
4.0
2.0
0
0
25
50
75
100
125
150
175
LEAD TEMPERATURE,
℃
RESISTIVE OR INDUCTIVE LOAD
0.375” (9.5mm) LEAD LENGTH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com