Electronic Components Datasheet Search
  English  ▼

X  

SL34118 Datasheet(PDF) 10 Page - System Logic Semiconductor

Part # SL34118
Description  Voice Switched Speakerphone Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL34118 Datasheet(HTML) 10 Page - System Logic Semiconductor

Back Button SL34118 Datasheet HTML 4Page - System Logic Semiconductor SL34118 Datasheet HTML 5Page - System Logic Semiconductor SL34118 Datasheet HTML 6Page - System Logic Semiconductor SL34118 Datasheet HTML 7Page - System Logic Semiconductor SL34118 Datasheet HTML 8Page - System Logic Semiconductor SL34118 Datasheet HTML 9Page - System Logic Semiconductor SL34118 Datasheet HTML 10Page - System Logic Semiconductor SL34118 Datasheet HTML 11Page - System Logic Semiconductor SL34118 Datasheet HTML 12Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SL34118
System Logic
Semiconductor
SLS
ELECTRICAL CHARACTERISTICS(T
A = -25 to +70
°C, V
CC = 5.0 V , CD = 0.8 V, unless noted)
Symbol
Parameter
Test Conditions
Guaranteed
Limits
Unit
Min
Max
∆V
RXO
∆RXO DC Voltage
Rx to Tx Mode
-
±190
mV
VRXOH
RXO High Voltage
IOUT= -1.0 mA,RXI=VB+1.5V,
VCT=2.6 V
2.8
-
V
VRXOL
RXO Low Voltage
IOUT= +1.0 mA,RXI=VB-1.0V,
VCT=2.6 V
Output measured with respect to
VB
-
VB-0.75
V
RRXI
RXI Input Resistance
RXI=350 mVrms, f = 1.0 KHz
5.25
17.5
k
GTX
GTXI
∆G
TXI
*
Trasmit Attenuator Gain
( f =1.0 KHz)
Tx Mode, TXI=150 mVrms
Idle Mode, RXI=-150 mVrms
Range (Tx to Rx Mode)
1.5
-25
49
10.0
-15
54
dB
∆V
TXO
∆TXO DC Voltage
Tx to Rx Mode
-
±190
mV
VTXOH
TXO High Voltage
IOUT= -1.0 mA,TXI=VB+1.5V,
VCT=1.6 V
2.8
-
V
VTXOL
TXO Low Voltage
IOUT= +1.0 mA,TXI=VB-1.0V,
VCT=1.6 V
Output measured with respect to
VB
-
VB-0.75
V
RTXI
TXI Input Resistance
TXI=350 mVrms, f = 1.0 KHz
5.25
17.5
K
ATTENUATOR CONTROL
ICTR
CT Source Current (switching
to Rx mode)
f = 1 KHz, VLC = VB =CT
-106
-30
µA
ICTT
CT Sink Current (switching to
Tx mode)
f = 1 KHz, VLC = VB =CT
+30
+106
µA
RFI
*
CT Fast Idle Internal
Resistance
1.5
3.6
K
VDT
*
Dial Tone Detector Threshold
10
20
mV
MICROPHONE AMLIFIER (VMUT
≤ 0.8 V, A+ = 31 dB, unless otherwise noted)
MCOVOS
Output Offset
VMCO - VB,
Freedback R= 180 K
-62
+62
mV
AVOLM
Open Loop Gain
f = 100 Hz
60
-
dB
VMCOH
Output High Voltage
IOUT=-1.0 mA,VMCI=VB+1.5 V
2.8
-
V
VMCOL
Output LowVoltage
IOUT=1.0 mA, VMCI=VB - 1.0 V
-
250
mV
GMT
Muting (
∆Gain)
f = 1.0 Khz,VMCI = 150 mV
0.8 V
≤ V
MUT
≤ 2.0 V
52
-
dB
RMUT
MUT Input Resistance
VCC = VMUT = 6.5 V
37.5
-
K
VMUTH
MUT Input-High
2.0
VCC
V
VMUTL
MUT Input-Low
0
0.8
V
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com