Electronic Components Datasheet Search
  English  ▼

X  

SPX2931AM1 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX2931AM1
Description  100mA Low Dropout Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2931AM1 Datasheet(HTML) 6 Page - Sipex Corporation

  SPX2931AM1 Datasheet HTML 1Page - Sipex Corporation SPX2931AM1 Datasheet HTML 2Page - Sipex Corporation SPX2931AM1 Datasheet HTML 3Page - Sipex Corporation SPX2931AM1 Datasheet HTML 4Page - Sipex Corporation SPX2931AM1 Datasheet HTML 5Page - Sipex Corporation SPX2931AM1 Datasheet HTML 6Page - Sipex Corporation SPX2931AM1 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Date: 05/25/04
SPX2931 100mA Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
D
W
L
e1
e
b
A
S1
a(2x)
E
R
DIMENSIONS
IN
INCHES
3 PIN TO-92
A
b
E
e
e1
W
S1
R
L
.170
.016
.095
.105
SYMBOL
MIN NOM MAX
.014
-
.020
.195
.130
.045
.055
0.022
.175
4º
.195
6º
-
-
-
-
-
-
-
.500
.610
-
-
-
.085
.095
.045
.060
D
a
.155
3 PIN TO-92
PACKAGE: 3PIN TO-92



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com