Electronic Components Datasheet Search
  English  ▼

X  

SL4013B Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # SL4013B
Description  Dual D Flip-Flop
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4013B Datasheet(HTML) 4 Page - System Logic Semiconductor

  SL4013B Datasheet HTML 1Page - System Logic Semiconductor SL4013B Datasheet HTML 2Page - System Logic Semiconductor SL4013B Datasheet HTML 3Page - System Logic Semiconductor SL4013B Datasheet HTML 4Page - System Logic Semiconductor SL4013B Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SL4013B
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS(C
L=50pF, RL=200 k
Ω, Input t
r=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
fmax
Maximum Clock Frequency (Figure 1)
5.0
10
15
3.5
8
12
3.5
8
12
1.75
4
6
MHz
tPLH, tPHL
Maximum Propagation Delay, Clock to Q or Q
(Figure 1)
5.0
10
15
300
130
90
300
130
90
600
260
180
ns
tPLH
Maximum Propagation Delay, Set to Q or Reset
to Q (Figure 2)
5.0
10
15
300
130
90
300
130
90
600
260
180
ns
tPHL
Maximum Propagation Delay, Set to Q or Reset
to Q (Figure 2)
5.0
10
15
400
170
120
400
170
120
800
340
240
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
200
100
80
200
100
80
400
200
160
ns
CIN
Maximum Input Capacitance
-
7.5
pF
TIMING REQUIREMENTS(C
L=50pF, RL=200 k
Ω, Input t
r=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
tw
Minimum Pulse Width, Clock (Figure 1)
5.0
10
15
140
60
40
140
60
40
280
120
80
ns
tw
Minimum Pulse Width, Set or Reset (Figure 2)
5.0
10
15
180
80
50
180
80
50
360
160
100
ns
tsu
Minimum Setup Time, Data to Clock
(Figure 3)
5.0
10
15
40
20
15
40
20
15
80
40
30
ns
th
Minimum Hold Time, Clock to Data
(Figure 3)
5.0
10
15
5
5
5
5
5
5
10
10
10
ns
tr, tf
Maximum Input Rise or Fall Time, Clock (Figure
1)
5.0
10
15
500
30
6
500
30
6
1000
60
12
µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com