Electronic Components Datasheet Search
  English  ▼

X  

SS82 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SS82
Description  Surface Mount Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SS82 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SS82 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SS82 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
10
100
0
35
70
105
140
175
200
8
4
0
SINGLEPHASEHAL FWAVE60H z
RESISTIVEORINDUCTIVELOAD
P.C .BMOUNTE D
ON0. 2 X
X
0.2"(5. 0 5.0m m)
COPPERPADAREAS
2
6
0
75
100
125
150
175
25
50
Fig.1 - FORWARD CURRENT DERATING CURVE
Fig.2 - MAXIMUMNON-REPETITIVEPEAK
FORWARD SURGECURRENT
O
LEAD TEMPERAURE, C
NO. OF CYCLE AT 60Hz
RATINGS AND CHARACTERISTIC CURVES SS82 THRU SS810
0.1
1.0
.01
10
50
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.1
.3
.5
.7
.9
1.1 1.3 1.5
5.0
Tj=25 C
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
2000
2400
2800
1600
1200
800
400
0
.01
.05
.1
.5
1
5
10
50
100
SS85
~SS810
SS
82
~SS
84
SS82-SS810
Surface Mount Schottky Barrier Rectifier
http://www.luguang.cn
mail:lge@luguang.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com