Electronic Components Datasheet Search
  English  ▼

X  

SL4025B Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # SL4025B
Description  Triple 3-Input NOR Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4025B Datasheet(HTML) 4 Page - System Logic Semiconductor

  SL4025B Datasheet HTML 1Page - System Logic Semiconductor SL4025B Datasheet HTML 2Page - System Logic Semiconductor SL4025B Datasheet HTML 3Page - System Logic Semiconductor SL4025B Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SL4025B
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS(C
L=50pF, RL=200k
Ω, Input t
r=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
tPLH, tPHL
Maximum Propagation Delay, Input A, B or C to
Output Y (Figure 1)
5.0
10
15
250
120
90
250
120
90
500
240
180
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
200
100
80
200
100
80
400
200
160
ns
CIN
Maximum Input Capacitance
-
7.5
pF
Figure 1. Switching Waveforms
EXPANDED LOGIC DIAGRAM
(1/3 of the Device)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com